Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R-78HB9.0-0.5 Datasheet(PDF) 1 Page - Recom International Power

Part # R-78HB9.0-0.5
Description  0.5 AMP SIP3 Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78HB9.0-0.5 Datasheet(HTML) 1 Page - Recom International Power

  R-78HB9.0-0.5 Datasheet HTML 1Page - Recom International Power R-78HB9.0-0.5 Datasheet HTML 2Page - Recom International Power R-78HB9.0-0.5 Datasheet HTML 3Page - Recom International Power R-78HB9.0-0.5 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.recom-international.com
1
13-February-2007
0.5 AMP
SIP3
Single Output
INNOLINE
DC/DC-Converter
R-78HBxx-
0.5(L)
Series
Efficiency up to 96%,Non isolated,
no need for heatsinks
Pin-out compatible with LM78XX Linears
Low profile( L*W*H=11.5*8.5*17.5mm)
High voltage input range, up to 72V
Short circuit protection, Thermal shutdown
Non standard outputs available as specials
between 3.3V~24V
Low ripple and noise
”L” version with 90° pins
See Positive to Negative Converter
Application Note for use as a voltage
inverter (alternative to LM79xx Linear)
Features
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Range
Voltage
Current
Vmin.
30V
72V
SIP3
(V)
(V)
(A)
(%)
(%)
(%)
R-78HB3.3-0.5
9 - 72
3.3
0.5
82
80
76
R-78HB5.0-0.5
9 - 72
5.0
0.5
87
85
81
R-78HB6.5-0.5
9 - 72
6.5
0.5
91
87
84
R-78HB9.0-0.5
14 - 72
9.0
0.5
92
90
86
R-78HB12-0.5
17 - 72
12
0.5
94
93
89
R-78HB15-0.5
20 - 72
15
0.5
95
94
91
R-78HB24-0.3
36 - 72
24
0.3
96
92
120
100
20
60
100
75
0
-40
Operating Temperature (°C)
0
80
50
25
71
Safe Operating Area
85
40
Derating-Graph
(Ambient Temperature)
The R-78HBxx-Series high efficiency, high input voltage switching regulators are ideally suited to replace
78xx linear regulators and are pin compatible. The efficiency of up to 96% means that very little energy is
wasted as heat so there is no need for any heat sinks with their additional space and mounting costs.
An input voltage range of up to 8:1is unsurpassed by any other converter and allows the full stored energy
utilisation of standard and high voltage batteries. The fully protected output is ideal for industrial applications
(especially for industry standard 24VDC bus supplies) and the L-Version with 90° pins allows direct replace-
ment for laid-flat regulators where component height is at a premium. Low ripple and noise figures and a
short circuit input current of typically only 15mA round off the specifications of this versatile converter
series.
Typical applications include telecommunication, automotive, industrial, aerospace and battery powered
applications.
Description
* add Suffix “L” for 90° bent pins, e.g. R-78HB5.0-0.5L


Similar Part No. - R-78HB9.0-0.5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78HB9.0-0.5 RECOM-R-78HB9.0-0.5 Datasheet
104Kb / 4P
   0.5 AMP SIP3 Single Output
More results

Similar Description - R-78HB9.0-0.5

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-78W-0.5 RECOM-R-78W-0.5 Datasheet
824Kb / 3P
   0.5 AMP SIP3 Single Output
R-78K-0.5 RECOM-R-78K-0.5 Datasheet
1Mb / 9P
   0.5 Amp SIP3 Single Output
REV.: 0/2023
R-78HB RECOM-R-78HB Datasheet
104Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5_07 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-78-0.5 RECOM-R-78-0.5 Datasheet
100Kb / 5P
   0.5 AMP SIP3 Single Output
R-78HB-W RECOM-R-78HB-W Datasheet
470Kb / 4P
   0.5 AMP SIP3 Wired Single Output
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com