Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89295UTGTR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89295UTGTR
Description  2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89295UTGTR Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY89295UTGTR Datasheet HTML 2Page - Micrel Semiconductor SY89295UTGTR Datasheet HTML 3Page - Micrel Semiconductor SY89295UTGTR Datasheet HTML 4Page - Micrel Semiconductor SY89295UTGTR Datasheet HTML 5Page - Micrel Semiconductor SY89295UTGTR Datasheet HTML 6Page - Micrel Semiconductor SY89295UTGTR Datasheet HTML 7Page - Micrel Semiconductor SY89295UTGTR Datasheet HTML 8Page - Micrel Semiconductor SY89295UTGTR Datasheet HTML 9Page - Micrel Semiconductor SY89295UTGTR Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Precision Edge®
SY89295U
Micrel, Inc.
M9999-011806
hbwhelp@micrel.com or (408) 955-1690
VCC = 3.3V; RLOAD = 50Ω to VCC–2V; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage (Q, /Q)
2.155
2.280
2.405
V
VOL
Output LOW Voltage (Q, /Q)
1.355
1.480
1.605
V
VOUT
Output Voltage Swing (Q, /Q)
See Figure 1a.
550
800
mV
VDIFF_OUT
Differential Output Voltage Swing
See Figure 1b.
1.1
1.6
V
(Q, /Q)
LVPECL OUTPUTS DC ELECTRICAL CHARACTERISTICS(5)
VCC = 2.5V ±5% or 3.3V ±10%; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
IIH
Input HIGH Current
40
µA
IIL
Input LOW Current
-300
µA
Notes:
5. The circuit is designed to meet the DC specifications shown in the table above after thermal equilibrium has been established. VOH and VOL
parameters vary 1:1 with VCC.
6. The circuit is designed to meet the DC specifications shown in the table above after thermal equilibrium has been established.
LVTTL/CMOS DC ELECTRICAL CHARACTERISTICS(6)
VCC = 2.5V; RLOAD = 50Ω to VCC–2V; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage (Q, /Q)
1.355
1.480
1.605
V
VOL
Output LOW Voltage (Q, /Q)
0.555
0.68
0.805
V
VOUT
Output Voltage Swing (Q, /Q)
See Figure 1a.
550
800
mV
VDIFF_OUT
Differential Output Voltage Swing
See Figure 1b.
1.1
1.6
V
(Q, /Q)
LVPECL OUTPUTS DC ELECTRICAL CHARACTERISTICS(5)


Similar Part No. - SY89295UTGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89295UTGTR MICREL-SY89295UTGTR Datasheet
638Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL
More results

Similar Description - SY89295UTGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89296U MICREL-SY89296U_11 Datasheet
468Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL Programmable Delay
SY89295U MICREL-SY89295U_11 Datasheet
638Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL
SY89296U MICREL-SY89296U Datasheet
618Kb / 15P
   2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
SY89295U MICREL-SY89295U Datasheet
169Kb / 10P
   2.5V / 3.3V 1.5 GHZ PRECISION LVPECL PROGRAMMABLE DELAY
SY100E222L MICREL-SY100E222L_11 Datasheet
92Kb / 7P
   3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK
logo
ON Semiconductor
NB6L295MNGEVB ONSEMI-NB6L295MNGEVB Datasheet
198Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
March, 2012 ??Rev. 4
NB6L295 ONSEMI-NB6L295 Datasheet
196Kb / 14P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
January, 2010 ??Rev. 3
NB6L295 ONSEMI-NB6L295_12 Datasheet
198Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
March, 2012 ??Rev. 4
logo
Integrated Device Techn...
83PN15639 IDT-83PN15639 Datasheet
343Kb / 21P
   Programmable FemtoClock NG 3.3V, 2.5V LVPECL Oscillator Replacement
logo
Pericom Semiconductor C...
NX502 PERICOM-NX502 Datasheet
834Kb / 2P
   2.5V/3.3V LVPECL XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com