Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89306VMITR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89306VMITR
Description  3.3V/5V 2.5GHz PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89306VMITR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89306VMITR Datasheet HTML 1Page - Micrel Semiconductor SY89306VMITR Datasheet HTML 2Page - Micrel Semiconductor SY89306VMITR Datasheet HTML 3Page - Micrel Semiconductor SY89306VMITR Datasheet HTML 4Page - Micrel Semiconductor SY89306VMITR Datasheet HTML 5Page - Micrel Semiconductor SY89306VMITR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Precision Edge®
SY89306/316V
Micrel, Inc.
M9999-051006
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s f
MAX > 2.5GHz
s Inputs (D, /D) include 75k
pull-down resistors
s SY89306V: 100k EP compatible
s SY89316V: 10k EP compatible
s Industrial temperature range: –40
°C to +85°C
s Available in an ultra-small 8-pin (2mm
××××× 2mm) MLF®
package
FEATURES
3.3V/5V 2.5GHz
PECL/ECL DIFFERENTIAL
RECEIVER/BUFFER
Precision Edge®
SY89306/316V
BLOCK DIAGRAM
D
/D
Q
/Q
AV V/V
40
Rev.: D
Amendment: /0
Issue Date:
May 2006
The SY89306V and SY89316V are a high-speed buffer/
receivers. The devices are functionally equivalent to the
10/100EP16 buffers, but feature a 70% smaller footprint.
The SY89306/316V includes a V
BB reference for single-
ended AC-coupling applications. Whenever used, the V
BB
pin should be bypassed to ground via a 0.01
µF capacitor.
V
BB reference can only sink/source 0.5mA.
Under open input conditions (pulled to V
EE), internal
input clamps will force the Q output LOW.
Precision Edge®
Micrel Part Number
Logic
Functional Cross
SY89306V
100kEP
100EP16V
SY89316V
10kEP
10EP16V
FUNCTIONAL CROSS REFERENCE
Precision Edge is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc.


Similar Part No. - SY89306VMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89306VMGTR MICREL-SY89306VMGTR Datasheet
50Kb / 6P
   3.3V / 5V 2.5 GHZ PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
More results

Similar Description - SY89306VMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89206V MICREL-SY89206V Datasheet
53Kb / 6P
   3.3V/5V 1GHz DIFFERENTIAL PECL/ECL RECEIVER/BUFFER
logo
Microchip Technology
SY89206V MICROCHIP-SY89206V Datasheet
730Kb / 16P
   3.3V/5V 1 GHz Differential PECL/ECL Receiver/Buffer
05/14/19
logo
Micrel Semiconductor
SY89306V MICREL-SY89306V Datasheet
50Kb / 6P
   3.3V / 5V 2.5 GHZ PECL/ECL DIFFERENTIAL RECEIVER/BUFFER
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
Micrel Semiconductor
SY89307V MICREL-SY89307V Datasheet
49Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING PECL/ECL DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
   ECL/PECL Differential Receiver
AZ100LVEL16 AZM-AZ100LVEL16_12 Datasheet
456Kb / 7P
   PECL/ECL Differential Receiver
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
   ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZ10EL16 AZM-AZ10EL16 Datasheet
79Kb / 6P
   ECL/PECL Differential Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com