Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89296UTITR Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # SY89296UTITR
Description  2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89296UTITR Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button SY89296UTITR Datasheet HTML 7Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 8Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 9Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 10Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 11Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 12Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 13Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 14Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
Precision Edge®
SY89296U
Micrel, Inc.
M9999-072706
hbwhelp@micrel.com or (408) 955-1690
APPLICATIONS INFORMATION
For best performance, use good high frequency layout
techniques, filter VCC supplies, and keep ground connections
short. Use multiple vias where possible. Also, use controlled
impedance transmission lines to interface with the SY89296U
data inputs and outputs.
VBB Reference
The VBB pin is an internally generated reference and is
available for use only by the SY89296U. When unused, this
pin should be left unconnected. The two common uses for
VBB are to handle a single-ended PECL input, and to re-
bias inputs for AC-coupling applications.
If either IN or /IN is driven by a single-ended output, VBB
is used to bias the unused input. Please refer to Figure 10.
The PECL signal driving the SY89296U may optionally be
inverted in this case.
When the signal is AC-coupled, VBB is used, as shown
in Figure 13, to re-bias IN and/or /IN. This ensures that
SY89296U inputs are within acceptable common mode
range.
In all cases, VBB current sinking or sourcing must be
limited to 0.5mA or less.
Setting D Input Logic Thresholds
In all designs where the SY89296U GND supply is at
zero volts, the D inputs can accommodate CMOS and TTL
level signals, as well as PECL or LVPECL. Figures 11, 12,
and 14 show how to connect VCF and VEF for all possible
cases.
Cascading
Two or more SY89296U may be cascaded in order to
extend the range of delays permitted. Each additional
SY89296U adds about 3.2ns to the minimum delay and
adds another 10240ps to the delay range.
Internal cascade circuitry has been included in the
SY89296U. Using this internal circuitry, the SY89296U may
be cascaded without any external gating.
Examples of cascading 2, 3, or 4 SY89296U appear in
Figures 7, 8, and 9.
IN
/IN
Q
/Q
IN
/IN
Q
FTUNE
FTUNE
/Q
D[9:0]
#1
#2
SETMIN
SETMAX
/CASCADE
CASCADE
D[10]
C[9:0]
C[10]
Control Word (11bits)
DAC
Figure 7. Cascading Two SY89296U
IN
/IN
Q
/Q
IN
/IN
Q
/Q
#1
#2
SETMIN
SETMAX
SETMIN
SETMAX
/CASCADE
CASCADE
D[10]
C[11]
IN
/IN
Q
FTUNE
FTUNE
/Q
D[9:0]
#3
/CASCADE
CASCADE
D[10]
C[9:0]
C[10]
Control Word (12bits)
DAC
Figure 8. Cascading Three SY89296U


Similar Part No. - SY89296UTITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89296U MICREL-SY89296U Datasheet
468Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL Programmable Delay
SY89296U MICREL-SY89296U_11 Datasheet
468Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL Programmable Delay
More results

Similar Description - SY89296UTITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89296U MICREL-SY89296U_11 Datasheet
468Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL Programmable Delay
SY89295U MICREL-SY89295U_06 Datasheet
165Kb / 15P
   2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY
SY89295U MICREL-SY89295U_11 Datasheet
638Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL
SY100EP196V_0607 MICREL-SY100EP196V_0607 Datasheet
640Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
SY100EP196V MICREL-SY100EP196V Datasheet
619Kb / 18P
   3.3V/5V 2.5GHz PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
SY89295U MICREL-SY89295U Datasheet
169Kb / 10P
   2.5V / 3.3V 1.5 GHZ PRECISION LVPECL PROGRAMMABLE DELAY
logo
ON Semiconductor
NB6L295MNGEVB ONSEMI-NB6L295MNGEVB Datasheet
198Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
March, 2012 ??Rev. 4
NB6L295 ONSEMI-NB6L295 Datasheet
196Kb / 14P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
January, 2010 ??Rev. 3
NB6L295 ONSEMI-NB6L295_12 Datasheet
198Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
March, 2012 ??Rev. 4
logo
Micrel Semiconductor
SY100E222L MICREL-SY100E222L_11 Datasheet
92Kb / 7P
   3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com