Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89295UMI Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY89295UMI
Description  2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89295UMI Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY89295UMI Datasheet HTML 3Page - Micrel Semiconductor SY89295UMI Datasheet HTML 4Page - Micrel Semiconductor SY89295UMI Datasheet HTML 5Page - Micrel Semiconductor SY89295UMI Datasheet HTML 6Page - Micrel Semiconductor SY89295UMI Datasheet HTML 7Page - Micrel Semiconductor SY89295UMI Datasheet HTML 8Page - Micrel Semiconductor SY89295UMI Datasheet HTML 9Page - Micrel Semiconductor SY89295UMI Datasheet HTML 10Page - Micrel Semiconductor SY89295UMI Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Precision Edge®
SY89295U
Micrel, Inc.
M9999-011806
hbwhelp@micrel.com or (408) 955-1690
TA = –40°C to +85°C; unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
Clock
VOUT
≥ 400mV
1.5
GHz
tpd
Propagation Delay
IN to Q; D[0–10]=0
3200
4200
ps
IN to Q; D[0–10]=1023
11500
14800
ps
/EN to Q: D[0–10]=0
3400
4400
ps
D10 to CASCADE
350
670
ps
tRANGE
Programmable Range
tpd (max) – tpd (min)
8300
ps
tSKEW
Duty Cycle Skew
tPHL – tPLH
Note 8
25
ps
∆t
Step Delay
D0 High
10
ps
D1 High
15
ps
D2 High
35
ps
D3 High
70
ps
D4 High
145
ps
D5 High
290
ps
D6 High
575
ps
D7 High
1150
ps
D8 High
2300
ps
D9 High
4610
ps
D0-D9 High
9220
ps
INL
Integral Non-Linearity
Note 9
–10
+10
%LSB
tS
Setup Time
D to LEN
200
ps
D to IN
Note 10
350
ps
/EN to IN
Note 11
300
ps
tH
Hold Time
LEN to D
200
ps
IN to /EN
Note 12
400
ps
tR
Release Time
/EN to IN
500
ps
SETMAX to LEN
500
ps
SETMIN to LEN
450
ps
tJITTER
Cycle-to-Cycle Jitter
Note 13
2psRMS
Total Jitter
Note 14
10
psPP
Random Jitter
Note 15
1psRMS
tr, tf
Output Rise/Fall Time
20% to 80% (Q)
50
85
160
ps
20% to 80% (CASCADE)
90
300
ps
Duty Cycle
45
55
%
Notes:
7. High frequency AC electricals are guaranteed by design and characterization.
8. Duty cycle skew guaranteed only for differential operation measured from the cross point of the input to the crosspoint of the output.
9. INL (Integral Non-Linearity) is defined from its corresponding point on the ideal delay versus D[9:0] curve as the deviation from its ideal delay. The
maximum difference is the INL. Theoretical Ideal Linearity (TIL) = (measured maximum delay – measured minimum delay)
÷ 1024. INL = measured
delay – measured minimum delay + (step number
× TIL).
10. This setup time defines the amount of time prior to the input signal. The delay tap of the device must be set.
11. This setup time defines the amount of the time that /EN must be asserted prior to the next transition of IN, /IN to prevent an output response greater
than
±75mV to the IN, /IN transition.
12. Hold time is the minimum time that /EN must remain asserted after a negative going IN or a positive going /IN to prevent an output response greater
than
±75mV to the IN, /IN transition.
13. Cycle-to-cycle jitter definition: The variation of periods between adjacent cycles over a random sample of adjacent cycle pairs.
Tjitter_cc = Tn – Tn+1, where T is the time between rising edges of the output signal.
14. Total jitter definition: With an ideal clock input, no more than one output edge in 1012 output edges will deviate by more than the specified peak-to-
peak jitter value.
15. Random jitter definition: Jitter that is characterized by a Gaussian distribution, unbounded and is quantified by its standard deviation and mean.
Random jitter is measured with a K28.7 comma defect pattern, measured at 1.5Gbps.
AC ELECTRICAL CHARACTERISTICS(7)


Similar Part No. - SY89295UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89295UMI MICREL-SY89295UMI Datasheet
169Kb / 10P
   2.5V / 3.3V 1.5 GHZ PRECISION LVPECL PROGRAMMABLE DELAY
SY89295UMITR MICREL-SY89295UMITR Datasheet
169Kb / 10P
   2.5V / 3.3V 1.5 GHZ PRECISION LVPECL PROGRAMMABLE DELAY
SY89295UMITR MICREL-SY89295UMITR Datasheet
638Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL
More results

Similar Description - SY89295UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89296U MICREL-SY89296U_11 Datasheet
468Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL Programmable Delay
SY89295U MICREL-SY89295U_11 Datasheet
638Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL
SY89296U MICREL-SY89296U Datasheet
618Kb / 15P
   2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
SY89295U MICREL-SY89295U Datasheet
169Kb / 10P
   2.5V / 3.3V 1.5 GHZ PRECISION LVPECL PROGRAMMABLE DELAY
SY100E222L MICREL-SY100E222L_11 Datasheet
92Kb / 7P
   3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK
logo
ON Semiconductor
NB6L295MNGEVB ONSEMI-NB6L295MNGEVB Datasheet
198Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
March, 2012 ??Rev. 4
NB6L295 ONSEMI-NB6L295 Datasheet
196Kb / 14P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
January, 2010 ??Rev. 3
NB6L295 ONSEMI-NB6L295_12 Datasheet
198Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
March, 2012 ??Rev. 4
logo
Integrated Device Techn...
83PN15639 IDT-83PN15639 Datasheet
343Kb / 21P
   Programmable FemtoClock NG 3.3V, 2.5V LVPECL Oscillator Replacement
logo
Pericom Semiconductor C...
NX502 PERICOM-NX502 Datasheet
834Kb / 2P
   2.5V/3.3V LVPECL XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com