Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89295U Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89295U
Description  2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89295U Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89295U Datasheet HTML 5Page - Micrel Semiconductor SY89295U Datasheet HTML 6Page - Micrel Semiconductor SY89295U Datasheet HTML 7Page - Micrel Semiconductor SY89295U Datasheet HTML 8Page - Micrel Semiconductor SY89295U Datasheet HTML 9Page - Micrel Semiconductor SY89295U Datasheet HTML 10Page - Micrel Semiconductor SY89295U Datasheet HTML 11Page - Micrel Semiconductor SY89295U Datasheet HTML 12Page - Micrel Semiconductor SY89295U Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Precision Edge®
SY89295U
Micrel, Inc.
M9999-011806
hbwhelp@micrel.com or (408) 955-1690
TIMING DIAGRAM
/IN
IN
/Q
Q
tpd
SINGLE-ENDED AND DIFFERENTIAL SWINGS
VIN,
VOUT 800mV (Typ.)
Figure 1a. Single-Ended Voltage Swing
INPUT AND OUTPUT STAGES
VDIFF_IN,
VDIFF_OUT 1.6V (Typ.)
Figure 1b. Differential Voltage Swing
VCC
IN
/IN
75k9
75k9
75k9
Figure 2a. Differential
Input Stage
VCC
/EN
LEN
SETMIN
SETMAX
D[0:10]
VBB
75k9
Figure 2b. Single-Ended
Input Stage
VCC
Q, CASCADE
/Q, /CASCADE
Figure 3. LVPECL
Output Stage


Similar Part No. - SY89295U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89295U MICREL-SY89295U Datasheet
169Kb / 10P
   2.5V / 3.3V 1.5 GHZ PRECISION LVPECL PROGRAMMABLE DELAY
SY89295U MICREL-SY89295U Datasheet
638Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL
SY89295UMG MICREL-SY89295UMG Datasheet
638Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL
SY89295UMGTR MICREL-SY89295UMGTR Datasheet
638Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL
SY89295UMI MICREL-SY89295UMI Datasheet
169Kb / 10P
   2.5V / 3.3V 1.5 GHZ PRECISION LVPECL PROGRAMMABLE DELAY
More results

Similar Description - SY89295U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89296U MICREL-SY89296U_11 Datasheet
468Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL Programmable Delay
SY89295U MICREL-SY89295U_11 Datasheet
638Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL
SY89296U MICREL-SY89296U Datasheet
618Kb / 15P
   2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
SY89295U MICREL-SY89295U Datasheet
169Kb / 10P
   2.5V / 3.3V 1.5 GHZ PRECISION LVPECL PROGRAMMABLE DELAY
SY100E222L MICREL-SY100E222L_11 Datasheet
92Kb / 7P
   3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK
logo
ON Semiconductor
NB6L295MNGEVB ONSEMI-NB6L295MNGEVB Datasheet
198Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
March, 2012 ??Rev. 4
NB6L295 ONSEMI-NB6L295 Datasheet
196Kb / 14P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
January, 2010 ??Rev. 3
NB6L295 ONSEMI-NB6L295_12 Datasheet
198Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential LVPECL Outputs
March, 2012 ??Rev. 4
logo
Integrated Device Techn...
83PN15639 IDT-83PN15639 Datasheet
343Kb / 21P
   Programmable FemtoClock NG 3.3V, 2.5V LVPECL Oscillator Replacement
logo
Pericom Semiconductor C...
NX502 PERICOM-NX502 Datasheet
834Kb / 2P
   2.5V/3.3V LVPECL XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com