Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA7075MPR Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # SLA7075MPR
Description  Motor Driver IC Family
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7075MPR Datasheet(HTML) 5 Page - Allegro MicroSystems

  SLA7075MPR Datasheet HTML 1Page - Allegro MicroSystems SLA7075MPR Datasheet HTML 2Page - Allegro MicroSystems SLA7075MPR Datasheet HTML 3Page - Allegro MicroSystems SLA7075MPR Datasheet HTML 4Page - Allegro MicroSystems SLA7075MPR Datasheet HTML 5Page - Allegro MicroSystems SLA7075MPR Datasheet HTML 6Page - Allegro MicroSystems SLA7075MPR Datasheet HTML 7Page - Allegro MicroSystems SLA7075MPR Datasheet HTML 8Page - Allegro MicroSystems SLA7075MPR Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SLA7075M, SLA7076M,
SLA7077M, and SLA7078M
Motor Driver ICs
5
www.allegromicro.com
STEPPING CHARACTERISTICS, applicable to both PR and R products; representative values from SLA7070M series shown
Valid at TA = 25°C, VBB = 24 V, VDD = 5 V, unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Step Reference Current Ratio
Mode F
VREF ≈ VSInt = 100 %, VREF = 0.1 to 0.5 V
100
%
Mode E
98.1
%
Mode D
95.7
%
Mode C
92.4
%
Mode B
88.2
%
Mode A
83.1
%
Mode 9
77.3
%
Mode 8
70.7
%
Mode 7
63.4
%
Mode 6
55.5
%
Mode 5
47.1
%
Mode 4
38.2
%
Mode 3
29
%
Mode 2
19.5
%
Mode 1
9.8
%
Mo (Load) Output Voltage
VMOL
IMOL= 1.25 mA
1.25
V
VMOH
IMOH= –1.25 mA
VDD– 1.25
V
Mo (Load) Output Current
IMOL
1.25
mA
IMOH
–1.25
mA
PWM Minimum On-Time
ton(min)
1.7
μs
PWM Off-Time
toff1
Mode 8 to Mode F
12
μs
toff2
Mode 4 to Mode 7
9
μs
toff3
Mode 1 to Mode 3
7
μs


Similar Part No. - SLA7075MPR

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7075MPR SANKEN-SLA7075MPR Datasheet
66Kb / 2P
   2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
SLA7075MPRT SANKEN-SLA7075MPRT Datasheet
66Kb / 2P
   2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
More results

Similar Description - SLA7075MPR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SLA7070M ALLEGRO-SLA7070M Datasheet
350Kb / 12P
   Motor Driver IC Family
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
logo
Micro Analog systems
MAS6012 MAS-MAS6012 Datasheet
93Kb / 9P
   Stepper Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com