Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SY89223L Datasheet(PDF) 4 Page - Micrel Semiconductor

Part No. SY89223L
Description  3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

   
 4 page
background image
4
Precision Edge®
SY89223L
Micrel, Inc.
M9999-051805
hbwhelp@micrel.com or (408) 955-1690
V
CC = 3.3V ±10%; GND = 0V, TA = –40°C to +85°C; CL = 20pF unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
f
MAX
Maximum Input Frequency
Note 5
160
MHz
t
pd
Propagation Delay
1.5
2.5
ns
t
SKEW++
Within-Device Skew
Notes 6, 8
0.3
ns
t
SKEW– –
Within-Device Skew
Notes 7, 8
0.3
ns
t
SKPP
Part-to-Part Skew
Notes 8, 9
0.5
ns
t
r,tf
Output Rise/Fall Times
0.5
1.0
ns
(1.0V to 2.0V)
Note 5.
Frequency at which output levels will meet a 0.8V to 2.0V minimum swing.
Note 6.
Within-Device Skew considering HIGH-to-HIGH transitions at common VCC level.
Note 7.
Within-Device Skew considering LOW-to-LOW transitions at common VCC level.
Note 8.
All skew parameters are guaranteed but not tested.
Note 9.
Device-to-Device Skew considering HIGH-to-HIGH transitions at common VCC level.
AC ELECTRICAL CHARACTERISTICS
Part Number
Function
Data Sheet Link
SY89206/216V
3.3V/5V 1GHz Differential PECL/ECL
www.micrel.com/product-info/products/sy89206-216v.shtml
Receiver/Buffer
SY89306/316V
3.3V/5V 2.5GHz PECL/ECL
www.micrel.com/product-info/products/sy89306-316v.shtml
Differential Receiver/Buffer
HBW Solutions
New Products and Applications
www.micrel.com/product-info/products/solutions.shtml
RELATED PRODUCT AND SUPPORT DOCUMENTATION
INPUT INTERFACE APPLICATIONS
IN
VCC —1.3V
+3.3V
+3.3V
1k
1.6k
Figure 1a. Single-Ended Input
(Terminating Unused Input)
+3.3V
VCC —1.3V
+3.3V
1k
1.6k
Figure 1b
. Terminating Inputs
of Unused Gate




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SY10ELT23L_063.3V DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR 1 2 3 4 5 Micrel Semiconductor
NB100ELT23L_073.3V Dual Differential LVPECL/LVDS to LVTTL Translator 1 2 3 4 5 MoreON Semiconductor
MC100LVELT22_073.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator 1 2 3 4 5 MoreON Semiconductor
MC100EPT23_063.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator 1 2 3 4 5 MoreON Semiconductor
SY10ELT21L_063.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR 1 2 3 4 5 Micrel Semiconductor
MC10EP56_063.3V / 5V ECL Dual Differential 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC100LVEL56_063.3V ECL Dual Differential 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
SY55857L_063.3V 2.5Gbps ANY INPUT-to-LVPECL DUAL TRANSLATOR 1 2 3 4 5 MoreMicrel Semiconductor
MC100ELT23_065 V Dual Differential PECL to TTL Translator 1 2 3 4 5 MoreON Semiconductor
MC100EPT21_063.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl