Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SY89223L Datasheet(PDF) 3 Page - Micrel Semiconductor

Part No. SY89223L
Description  3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

   
 3 page
background image
3
Precision Edge®
SY89223L
Micrel, Inc.
M9999-051805
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(Note 1)
Power Supply Voltage (V
CC) ......................... –0.5V to 4.0V
PECL Input Voltage (V
IN) ........................ +0V to VCC +0.5V
Voltage Applied to Output at HIGH State
(V
OUT) ....................................................... –0.5V to VCC
Current Applied to Output at LOW State
(I
OUT) ........................................ Twice the Rated IOL mA
Lead Temperature (soldering, 20 sec.) ..................... 260
°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings(Note 2)
Power Supply Voltage (V
CC) ....................... +3.0V to +3.6V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance,(Note 3)
MLF™
JA)
Still-Air ............................................................. 93
°C/W
500lfpm ............................................................ 87
°C/W
MLF™
JB), ....................................................... 56°C/W
V
CC = 3.3V ±10%; GND = 0V, TA = –40°C to +85°C; unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OH
Output HIGH Voltage
I
OH = –3.0mA
2.0
V
V
OL
Output LOW Voltage
I
OL = 24mA
0.5
V
I
CC
Power Supply Current
30
mA
I
OS
Output Short Circuit Current
V
OUT = 0V
–80
–240
mA
LVTTL DC ELECTRICAL CHARACTERISTICS
V
CC = 3.3V ±10%; GND = 0V, TA = –40°C to +85°C; unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IH
Input HIGH Voltage
V
CC–1.165
V
CC–0.880
V
V
IL
Input LOW Voltage
V
CC–1.810
V
CC–1.475
V
V
IHCMR
Input HIGH Common Mode Range
Note 4
1.2
V
CC
V
V
PP
Minimum Input Swing
200
mV
I
IH
Input HIGH Current
150
µA
I
IL
Input LOW Current
0.5
µA
Note 1.
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation is
not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG
conditions for extended periods may affect device reliability.
Note 2.
The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
Note 3.
Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device's most negative potential on the PCB.
Note 4.
V
IHCMR(min) varies 1:1 with VEE, Max varies 1:1 with VCC.
LVPECL DC ELECTRICAL CHARACTERISTICS




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SY10ELT23L_063.3V DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR 1 2 3 4 5 Micrel Semiconductor
NB100ELT23L_073.3V Dual Differential LVPECL/LVDS to LVTTL Translator 1 2 3 4 5 MoreON Semiconductor
MC100LVELT22_073.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator 1 2 3 4 5 MoreON Semiconductor
MC100EPT23_063.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator 1 2 3 4 5 MoreON Semiconductor
SY10ELT21L_063.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR 1 2 3 4 5 Micrel Semiconductor
MC10EP56_063.3V / 5V ECL Dual Differential 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC100LVEL56_063.3V ECL Dual Differential 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
SY55857L_063.3V 2.5Gbps ANY INPUT-to-LVPECL DUAL TRANSLATOR 1 2 3 4 5 MoreMicrel Semiconductor
MC100ELT23_065 V Dual Differential PECL to TTL Translator 1 2 3 4 5 MoreON Semiconductor
MC100EPT21_063.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl