Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89218UHYTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89218UHYTR
Description  Precision 1:15 LVDS Fanout Buffer with 2:1 MUX and Four 첨1/첨2/첨4 Clock Divider Output Banks
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89218UHYTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89218UHYTR Datasheet HTML 1Page - Micrel Semiconductor SY89218UHYTR Datasheet HTML 2Page - Micrel Semiconductor SY89218UHYTR Datasheet HTML 3Page - Micrel Semiconductor SY89218UHYTR Datasheet HTML 4Page - Micrel Semiconductor SY89218UHYTR Datasheet HTML 5Page - Micrel Semiconductor SY89218UHYTR Datasheet HTML 6Page - Micrel Semiconductor SY89218UHYTR Datasheet HTML 7Page - Micrel Semiconductor SY89218UHYTR Datasheet HTML 8Page - Micrel Semiconductor SY89218UHYTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Micrel, Inc.
SY89218U
January 2007
2
M9999-012407-B
hbwhelp@micrel.com or (408) 955-1690
Functional Block Diagram


Similar Part No. - SY89218UHYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89218UHYTR MICREL-SY89218UHYTR Datasheet
774Kb / 17P
   YPrecision 1:15 LVDS Fanout Buffer with 2:1
More results

Similar Description - SY89218UHYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89221U MICREL-SY89221U Datasheet
326Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with 2:1 MUX and Four 첨1/첨2/첨4 Clock Divider Output Banks
SY89200U MICREL-SY89200U Datasheet
552Kb / 11P
   Ultra-Precision 1:8 LVDS Fanout Buffer with Three 첨1/첨2/첨4 Clock Divider Output Banks
SY89202U MICREL-SY89202U Datasheet
2Mb / 13P
   Precision 1:8 LVPECL Fanout Buffer with Three 첨1/첨2/첨4 Clock Divider Output Banks
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37_06 Datasheet
116Kb / 6P
   3.3V ECL 1:4 첨1/첨2 Clock Fanout Buffer
November, 2006 ??Rev. 5
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
72Kb / 3P
   1:4 첨1/첨2 ECL/PECL Clock Fanout Buffer
1997 REV 0
logo
Micrel Semiconductor
SY100E222L MICREL-SY100E222L_06 Datasheet
28Kb / 7P
   3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
   (첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
SY100S834 MICREL-SY100S834_09 Datasheet
82Kb / 6P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com