Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89218UHYTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89218UHYTR
Description  Precision 1:15 LVDS Fanout Buffer with 2:1 MUX and Four 첨1/첨2/첨4 Clock Divider Output Banks
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89218UHYTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89218UHYTR Datasheet HTML 1Page - Micrel Semiconductor SY89218UHYTR Datasheet HTML 2Page - Micrel Semiconductor SY89218UHYTR Datasheet HTML 3Page - Micrel Semiconductor SY89218UHYTR Datasheet HTML 4Page - Micrel Semiconductor SY89218UHYTR Datasheet HTML 5Page - Micrel Semiconductor SY89218UHYTR Datasheet HTML 6Page - Micrel Semiconductor SY89218UHYTR Datasheet HTML 7Page - Micrel Semiconductor SY89218UHYTR Datasheet HTML 8Page - Micrel Semiconductor SY89218UHYTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Micrel, Inc.
SY89218U
January 2007
5
M9999-012407-B
hbwhelp@micrel.com or (408) 955-1690
Pin Description (continued)
Pin Number
Pin Name
Pin Function
64
EN
Single-Ended Input: This TTL/CMOS input disables and enables the outputs. It is
internally connected to a 25k
Ω pull-up resistor and will default to logic HIGH state if left
open. When disabled, true outputs go LOW and complementary outputs switch to HIGH.
The input switching threshold is VCC/2. For the input enable and disable functional
description, refer to Figures 2d and 2e.
19, 32, 49, 63
GND,
Exposed Pad
Ground and exposed pad must be connected to the same GND plane on the board.
Function Table
/MR
(1)
EN
(2, 3)
CLK_SEL
FSELx0
(4)
FSELx1
(4)
Q
1
1
0
0
0
IN0÷1
1
1
1
0
0
IN1÷1
1
1
0
1
0
IN0÷2
1
1
1
1
0
IN1÷2
1
1
0
X
1
IN0÷4
1
1
1
X
1
IN1÷4
1
0
X
X
X
0
0
X
X
X
X
0
Notes:
1.
/MR asynchronously forces Q to LOW (/Q to HIGH).
2.
EN forces Q LOW between 2 and 6 input clock cycles after the falling edge of EN. Refer to “Timing Diagram” section.
3.
EN synchronously enables Q between two and six input clock cycles after the rising edge of EN. Refer to “Timing Diagram” section.
4.
FSEL valid for each of the banks A, B, C, and D. Banks can be programmed independent of each other.


Similar Part No. - SY89218UHYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89218UHYTR MICREL-SY89218UHYTR Datasheet
774Kb / 17P
   YPrecision 1:15 LVDS Fanout Buffer with 2:1
More results

Similar Description - SY89218UHYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89221U MICREL-SY89221U Datasheet
326Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with 2:1 MUX and Four 첨1/첨2/첨4 Clock Divider Output Banks
SY89200U MICREL-SY89200U Datasheet
552Kb / 11P
   Ultra-Precision 1:8 LVDS Fanout Buffer with Three 첨1/첨2/첨4 Clock Divider Output Banks
SY89202U MICREL-SY89202U Datasheet
2Mb / 13P
   Precision 1:8 LVPECL Fanout Buffer with Three 첨1/첨2/첨4 Clock Divider Output Banks
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37_06 Datasheet
116Kb / 6P
   3.3V ECL 1:4 첨1/첨2 Clock Fanout Buffer
November, 2006 ??Rev. 5
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
72Kb / 3P
   1:4 첨1/첨2 ECL/PECL Clock Fanout Buffer
1997 REV 0
logo
Micrel Semiconductor
SY100E222L MICREL-SY100E222L_06 Datasheet
28Kb / 7P
   3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK GENERATOR AND 1:15 FANOUT BUFFER
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
   (첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
SY100S834 MICREL-SY100S834_09 Datasheet
82Kb / 6P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com