Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89207LMGTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY89207LMGTR
Description  3.3V 800MHz PRECISION PECL AMPLIFIER WITH LOW-GAIN FEEDBACK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89207LMGTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY89207LMGTR Datasheet HTML 1Page - Micrel Semiconductor SY89207LMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89207LMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89207LMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89207LMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89207LMGTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Precision Edge®
SY89207L
Micrel, Inc.
M9999-051805
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Power Supply Voltage (VCC – VEE) ............................ +6.0V
PECL Input Voltage (VIN) .......................... 0V to VCC +0.5V
Voltage Applied to Output at High State (VEE = 0V)
............................................................ –0.5V to +5.5V
Output Current (IOUT)
Continuous ............................................................. 50mA
Surge .................................................................... 100mA
Lead Temperature (soldering, 10 sec.) ..................... 220
°C
Storage Temperature (TS) ....................... –65°C to +150°C
Operating Ratings(2)
Supply Voltage (VIN) ................................... +3.0V to +3.8V
Ambient Temperature (TA) ......................... –40°C to +85°C
Junction Temperature (TJ) ........................................ 160°C
Package Thermal Resistance
MSOP
JA)
Still Air ........................................................... 113
°C/W
MSOP (
Ψ
JB) ........................................................ 74°C/W
VCC = +3.0V to +3.8V; TA = –40°C to +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage
(LVPECL)
VEE = GND
3.0
3.3
3.8
V
(LVECL)
VCC = GND
–3.8
–3.3
–3.0
V
ICC
Power Supply Current
VCC = 3.8V
46
mA
VBB
Reference Voltage
VCC–1.26 VCC–1.32 VCC–1.38
V
IIH
Input HIGH Current
D, /D
VIN =VIH (max)
150
µA
EN
VIN =VCC
100
µA
IIL
Input LOW Current
D, /D
VIN =VIL (min)
0.5
µA
EN
VIN = GND
–300
µA
CIN
Input Capacitance
0.75
pF
EN
Enable
LVECL/LVPECL/CMOS compatible
VEE
VCC
V
DC ELECTRICAL CHARACTERISTICS
VCC = +3.0V to +3.8V and VEE = 0V, VCC = 0V and VEE = –3.0V to –3.8V; TA = –40°C to +85°C; unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output High Voltage
50
Ω to V
CC –2V
2.215
2.305
2.42
V
VOL
Output Low Voltage
50
Ω to V
CC –2V
1.470
1.595
1.745
V
VIH
Input HIGH Voltage
2.135
2.420
V
VIL
Input LOW Voltage
1.490
1.825
V
VIHCMR
Input High Voltage
Note 3
2.0
VCC –0.8
V
Common Mode Range
Notes:
1. Permanent device damage may occur if the ratings in the “Absolute Maximum Ratings” section are exceeded. This is a stress rating only and
functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. VIHCMR is referenced to the most positive side of the differential input signal.
LVPECL/LVECL DC ELECTRICAL CHARACTERISTICS


Similar Part No. - SY89207LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89200U MICREL-SY89200U Datasheet
326Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with 2:1 MUX and Four 첨1/첨2/첨4 Clock Divider Output Banks
SY89200U MICREL-SY89200U Datasheet
552Kb / 11P
   Ultra-Precision 1:8 LVDS Fanout Buffer with Three 첨1/첨2/첨4 Clock Divider Output Banks
SY89200U MICREL-SY89200U Datasheet
493Kb / 11P
   Ultra-Precision 1:8 LVDS Fanout Buffer
SY89200UMG MICREL-SY89200UMG Datasheet
552Kb / 11P
   Ultra-Precision 1:8 LVDS Fanout Buffer with Three 첨1/첨2/첨4 Clock Divider Output Banks
SY89200UMG MICREL-SY89200UMG Datasheet
493Kb / 11P
   Ultra-Precision 1:8 LVDS Fanout Buffer
More results

Similar Description - SY89207LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL16VO MICREL-SY100EL16VO Datasheet
66Kb / 6P
   3.3V/5V 800MHz PRECISION PECL AMPLIFIER WITH LOW GAIN FEEDBACK
logo
Maxim Integrated Produc...
MAX2056 MAXIM-MAX2056 Datasheet
716Kb / 12P
   800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 2/05
logo
Integrated Device Techn...
MPC9230 IDT-MPC9230 Datasheet
800Kb / 16P
   800MHz Low Voltage PECL Clock Synthesizer
logo
Micrel Semiconductor
SY88813V MICREL-SY88813V Datasheet
56Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER WITH PECL SIGNAL DETECT
SY88347DL MICREL-SY88347DL Datasheet
285Kb / 9P
   3.3V, 3.2Gbps PECL Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
logo
Analog Devices
AD8228 AD-AD8228 Datasheet
581Kb / 24P
   Low Gain Drift Precision Instrumentation Amplifier
REV. 0
AD8228 AD-AD8228_16 Datasheet
550Kb / 25P
   Low Gain Drift Precision Instrumentation Amplifier
logo
Linear Technology
LT1228 LINER-LT1228_15 Datasheet
670Kb / 22P
   100MHz Current Feedback Amplifier with DC Gain Control
LT1228 LINER-LT1228_07 Datasheet
402Kb / 20P
   100MHz Current Feedback Amplifier with DC Gain Control
LT1228 LINER-LT1228 Datasheet
435Kb / 20P
   100MHz Current Feedback Amplifier with DC Gain Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com