Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89202UMGTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89202UMGTR
Description  Precision 1:8 LVPECL Fanout Buffer with Three 첨1/첨2/첨4 Clock Divider Output Banks
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89202UMGTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89202UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY89202UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89202UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89202UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89202UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89202UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89202UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89202UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89202UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Micrel, Inc.
SY89202U
June 2006
M9999-061206-B
hbwhelp@micrel.com or (408) 955-1690
5
Absolute Maximum Ratings(1)
Supply Voltage (VCC) .............................-0.5V to +4.0V
Input Voltage (VIN) .....................................-0.5V to VCC
Termination Current
Source or sink current on VT ....................±100mA
Output Current
Source or sink current on IN, /IN................ ±50mA
VREF-AC Current
Source or sink current on VREF-AC..............±1.5mA
Lead Temperature (soldering, 20 sec.)............ +260°C
Storage Temperature (Ts) ...................–65°C to 150°C
Operating Ratings(2)
Supply Voltage (VCC) ....................+2.375V to +2.625V
........................................................ +3.0V to +3.6V
Ambient Temperature (TA) ..................–40°C to +85°C
Package Thermal Resistance
(4)
MLF
® JA)
Still-Air ........................................................ 35°C/W
MLF
® JB)
Junction-to-Board ...................................... 20°C/W
DC Electrical Characteristics(5)
TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
CC
Power Supply
2.375
3.0
2.625
3.6
V
V
I
CC
Power Supply Current
No load, max. V
CC
125
180
mA
R
DIFF_IN
Differential Input Resistance
(IN-to-/IN)
90
100
110
R
IN
Input Resistance
(IN-to-V
T)
45
50
55
V
IH
Input High Voltage
(IN, /IN)
1.2
V
CC
V
V
IL
Input Low Voltage
(IN, /IN)
0
V
IH–0.1
V
V
IN
Input Voltage Swing
(IN, /IN)
See Figure 1a.
100
V
CC
mV
V
DIFF_IN
Differential Input Voltage Swing
|IN-/IN|
See Figure 1b.
200
mV
V
REF-AC
Output Reference Voltage
(V
REF-AC)
V
CC–1.3
V
CC–1.2
V
CC–1.1
V
IN-to-V
T
Voltage from Input to V
T
1.8
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is
not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings
conditions for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package Thermal Resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB. θJA and
ψJB values are determined for a 4-layer board in still air, unless otherwise stated.
4. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.


Similar Part No. - SY89202UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89202UMGTR MICREL-SY89202UMGTR Datasheet
625Kb / 13P
   Precision 1:8 LVPECL Fanout Buffer with
More results

Similar Description - SY89202UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89200U MICREL-SY89200U Datasheet
552Kb / 11P
   Ultra-Precision 1:8 LVDS Fanout Buffer with Three 첨1/첨2/첨4 Clock Divider Output Banks
SY89221U MICREL-SY89221U Datasheet
326Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with 2:1 MUX and Four 첨1/첨2/첨4 Clock Divider Output Banks
SY89218U MICREL-SY89218U Datasheet
321Kb / 18P
   Precision 1:15 LVDS Fanout Buffer with 2:1 MUX and Four 첨1/첨2/첨4 Clock Divider Output Banks
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37_06 Datasheet
116Kb / 6P
   3.3V ECL 1:4 첨1/첨2 Clock Fanout Buffer
November, 2006 ??Rev. 5
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
72Kb / 3P
   1:4 첨1/첨2 ECL/PECL Clock Fanout Buffer
1997 REV 0
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
   (첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
SY100S834 MICREL-SY100S834_09 Datasheet
82Kb / 6P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_06 Datasheet
61Kb / 5P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com