Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89202U Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89202U
Description  Precision 1:8 LVPECL Fanout Buffer with Three 첨1/첨2/첨4 Clock Divider Output Banks
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89202U Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY89202U Datasheet HTML 2Page - Micrel Semiconductor SY89202U Datasheet HTML 3Page - Micrel Semiconductor SY89202U Datasheet HTML 4Page - Micrel Semiconductor SY89202U Datasheet HTML 5Page - Micrel Semiconductor SY89202U Datasheet HTML 6Page - Micrel Semiconductor SY89202U Datasheet HTML 7Page - Micrel Semiconductor SY89202U Datasheet HTML 8Page - Micrel Semiconductor SY89202U Datasheet HTML 9Page - Micrel Semiconductor SY89202U Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Micrel, Inc.
SY89202U
June 2006
M9999-061206-B
hbwhelp@micrel.com or (408) 955-1690
6
LVPECL Outputs DC Electrical Characteristics(6)
VCC = 2.5V ±5% or 3.3V ±10%; TA = –40°C to + 85°C; RL = 50Ω to VCC–2V, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OH
Output HIGH Voltage
Q, /Q
V
CC-1.145
V
CC–0.895
V
V
OL
Output LOW Voltage
Q, /Q
V
CC-1.945
V
CC –1.695
V
V
OUT
Output Voltage Swing
Q, /Q
See Figure 1a.
550
800
mV
V
DIFF-OUT
Differential Output Voltage Swing
|Q – /Q|
See Figure 1b.
1100
1600
mV
LVTTL/CMOS DC Electrical Characteristics(6)
VCC = 2.5V ±5% or 3.3V ±10%; TA = –40°C to + 85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IH
Input HIGH Voltage
2.0
V
V
IH
Input LOW Voltage
0.8
V
I
IH
Input HIGH Current
–125
30
µA
I
IL
Input LOW Current
–300
µA
Note:
6. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.


Similar Part No. - SY89202U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89202U MICREL-SY89202U Datasheet
326Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with 2:1 MUX and Four 첨1/첨2/첨4 Clock Divider Output Banks
SY89202U MICREL-SY89202U Datasheet
625Kb / 13P
   Precision 1:8 LVPECL Fanout Buffer with
SY89202UMGTR MICREL-SY89202UMGTR Datasheet
625Kb / 13P
   Precision 1:8 LVPECL Fanout Buffer with
SY89202U MICREL-SY89202U_10 Datasheet
625Kb / 13P
   Precision 1:8 LVPECL Fanout Buffer with
More results

Similar Description - SY89202U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89200U MICREL-SY89200U Datasheet
552Kb / 11P
   Ultra-Precision 1:8 LVDS Fanout Buffer with Three 첨1/첨2/첨4 Clock Divider Output Banks
SY89221U MICREL-SY89221U Datasheet
326Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with 2:1 MUX and Four 첨1/첨2/첨4 Clock Divider Output Banks
SY89218U MICREL-SY89218U Datasheet
321Kb / 18P
   Precision 1:15 LVDS Fanout Buffer with 2:1 MUX and Four 첨1/첨2/첨4 Clock Divider Output Banks
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37_06 Datasheet
116Kb / 6P
   3.3V ECL 1:4 첨1/첨2 Clock Fanout Buffer
November, 2006 ??Rev. 5
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
72Kb / 3P
   1:4 첨1/첨2 ECL/PECL Clock Fanout Buffer
1997 REV 0
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
   (첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
SY100S834 MICREL-SY100S834_09 Datasheet
82Kb / 6P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_06 Datasheet
61Kb / 5P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
   (첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com