Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88982L Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY88982L
Description  3.3V, 2.7Gbps High Current, Low Power Laser Driver for FP/DFB Lasers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88982L Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY88982L Datasheet HTML 2Page - Micrel Semiconductor SY88982L Datasheet HTML 3Page - Micrel Semiconductor SY88982L Datasheet HTML 4Page - Micrel Semiconductor SY88982L Datasheet HTML 5Page - Micrel Semiconductor SY88982L Datasheet HTML 6Page - Micrel Semiconductor SY88982L Datasheet HTML 7Page - Micrel Semiconductor SY88982L Datasheet HTML 8Page - Micrel Semiconductor SY88982L Datasheet HTML 9Page - Micrel Semiconductor SY88982L Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Micrel, Inc.
SY88982L
April 2005
7
M9999-0414505
hbwhelp@micrel.com or (408) 955-1690
Input and Output Stages
Figure 1a. Simplified Input Stage
Figure 1b. Simplified Output Stage
Interfacing the Input to Different Logic Drivers
Figure 2a. DC-Coupling to LVPECL Driver
Figure 2b. AC-Coupling to LVPECL Driver
Figure 2c. AC-Coupling to CML Driver
Figure 2d. AC-Coupling to LVDS Driver


Similar Part No. - SY88982L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88982L MICREL-SY88982L Datasheet
749Kb / 10P
   3.3V, 2.7Gbps High-Current, Low-Power
SY88982LMGTR MICREL-SY88982LMGTR Datasheet
749Kb / 10P
   3.3V, 2.7Gbps High-Current, Low-Power
SY88982L MICREL-SY88982L_10 Datasheet
749Kb / 10P
   3.3V, 2.7Gbps High-Current, Low-Power
More results

Similar Description - SY88982L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY84782U MICREL-SY84782U_15 Datasheet
444Kb / 10P
   Low Power 2.5V 1.25Gbps FP/DFB Laser Diode Driver
SY88982L MICREL-SY88982L_10 Datasheet
749Kb / 10P
   3.3V, 2.7Gbps High-Current, Low-Power
SY84782U MICREL-SY84782U Datasheet
300Kb / 9P
   Low Power 2.5V 1.25Gbps FP/DFB Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3735A MAXIM-MAX3735A Datasheet
1Mb / 18P
   2.7Gbps, Low-Power SFP Laser Driver
2013
MAX3850 MAXIM-MAX3850 Datasheet
901Kb / 14P
   2.7Gbps, 3.3V DC-Coupled Laser Driver
Rev 1; 5/03
logo
Agilent(Hewlett-Packard...
81663A HP-81663A Datasheet
181Kb / 5P
   DFB Laser Fabry-Perot Lasers
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Agere Systems
A1112 AGERE-A1112 Datasheet
53Kb / 6P
   A1112 High-Power 1550 nm DFB Source Lasers
logo
Maxim Integrated Produc...
MAX3735 MAXIM-MAX3735 Datasheet
1Mb / 18P
   2.7Gbps, Low-Power SFP Laser Drivers
19-2529; Rev 1; 4/03
logo
Micrel Semiconductor
SY88782L MICREL-SY88782L Datasheet
574Kb / 8P
   3.3V, 1.25 Gbps HIgh Current, Low Power Laser Driver for Datacom Telecom Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com