Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STR-W6735 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part No. STR-W6735
Description  Quasi-Resonant Topology Primary Switching Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

STR-W6735 Datasheet(HTML) 2 Page - Allegro MicroSystems

 
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Quasi-Resonant Topology
Primary Switching Regulators
STR-W6735
2
Features and Benefits (continued)
Selection Guide
Part Number
Package
Packing
STR-W6735
TO-220
Bulk, 100 pieces
All performance characteristics given are typical values for circuit or
system baseline design only and are at the nominal operating voltage and
an ambient temperature of +25°C, unless otherwise stated.
▪ Various protections
⇒ Improved system-level reliability
▫ Pulse-by-pulse drain overcurrent limiting
▫ Overvoltage protection (bias winding voltage sensing),
with latch
▫ Overload protection with latch
▫ Maximum on-time limit
diodes during the start-up sequence. Various protections such as
overvoltage, overload, overcurrent, maximum on-time protections
and avalanche-energy-guaranteed MOSFET secure good system-
level reliability.
Applications include the following:
▪ Set Top Box
▪ LCD PC monitor, LCD TV
▪ Printer, Scanner
▪ SMPS power supplies
Description (continued)
Absolute Maximum Ratings at TA = 25°C
Parameter
Symbol
Terminal
Conditions
Rating
Unit
Drain Current1
IDpeak
1 - 3
Single pulse
20
A
Maximum Switching Current2
IDmax
1 - 3
TA = –20°C to 125°C
20
A
Single Pulse Avalanche Energy3
EAS
1 - 3
Single pulse, VDD = 99 V, L = 20 mH,
ILpeak = 5.8 A
380
mJ
Input Voltage for Controller (MIC)
VCC
4 - 3
35
V
SS/OLP Terminal Voltage
VSSOLP
5 - 3
–0.5 to 6.0
V
FB Terminal Inflow Current
IFB
6 - 3
10
mA
FB Terminal Voltage
VFB
6 - 3
IFB within the limits of IFB
–0.5 to 9.0
V
OCP/BD Terminal Voltage
VOCPBD
7 - 3
–1.5 to 5.0
V
MOSFET Power Dissipation4
PD1
1 - 3
With infinite heatsink
28.7
W
Without heatsink
1.3
W
Controller (MIC) Power Dissipation
PD2
4 - 3
VCC × ICC
0.8
W
Operating Internal Leadframe Temperature
TF
Refer to TOP
–20 to 115
°C
Operating Ambient Temperature
TOP
–20 to 115
°C
Storage Temperature
Tstg
–40 to 125
°C
Junction Temperature
TJ
150
°C
1
Refer to figure 2
2
IDMAX is the drain current determined by the drive voltage of the IC and the threshold voltage, Vth, of the MOSFET
3
Refer to figure 3
4
Refer to figure 5
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn