Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88933ALKGTR Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY88933ALKGTR
Description  3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88933ALKGTR Datasheet(HTML) 9 Page - Micrel Semiconductor

  SY88933ALKGTR Datasheet HTML 1Page - Micrel Semiconductor SY88933ALKGTR Datasheet HTML 2Page - Micrel Semiconductor SY88933ALKGTR Datasheet HTML 3Page - Micrel Semiconductor SY88933ALKGTR Datasheet HTML 4Page - Micrel Semiconductor SY88933ALKGTR Datasheet HTML 5Page - Micrel Semiconductor SY88933ALKGTR Datasheet HTML 6Page - Micrel Semiconductor SY88933ALKGTR Datasheet HTML 7Page - Micrel Semiconductor SY88933ALKGTR Datasheet HTML 8Page - Micrel Semiconductor SY88933ALKGTR Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Micrel, Inc
SY88933AL
February 2007
9
M9999-021207-B
hbwhelp@micrel.com or (408) 955-1690
Package Information
10-Pin MSOP (K10-1)
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http:/www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for
its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a
product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for
surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant
injury to the user. A Purchaser’s use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser’s own risk
and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale.
© 2005 Micrel, Incorporated.


Similar Part No. - SY88933ALKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88933ALKGTR MICREL-SY88933ALKGTR Datasheet
336Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
More results

Similar Description - SY88933ALKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88933AL MICREL-SY88933AL Datasheet
336Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88149CL MICREL-SY88149CL Datasheet
280Kb / 10P
   3.3V, 1.25Gbps PECL LIMITING POST AMPLIFIER W/HIGH GAIN TTL SIGNAL DETECT
SY88149CL MICREL-SY88149CL_07 Datasheet
285Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Signal Detect
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88147DL MICREL-SY88147DL Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Loss-of-Signal
SY88903AL MICREL-SY88903AL Datasheet
333Kb / 9P
   3.3V, Burst Mode 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier with TTL Loss-of-Signal
SY88893V MICREL-SY88893V Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL SIGNAL DETECT
SY88147DL MICREL-SY88147DL_07 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88149CL MICREL-SY88149CL_09 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com