Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88933AL Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY88933AL
Description  3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88933AL Datasheet(HTML) 8 Page - Micrel Semiconductor

  SY88933AL Datasheet HTML 1Page - Micrel Semiconductor SY88933AL Datasheet HTML 2Page - Micrel Semiconductor SY88933AL Datasheet HTML 3Page - Micrel Semiconductor SY88933AL Datasheet HTML 4Page - Micrel Semiconductor SY88933AL Datasheet HTML 5Page - Micrel Semiconductor SY88933AL Datasheet HTML 6Page - Micrel Semiconductor SY88933AL Datasheet HTML 7Page - Micrel Semiconductor SY88933AL Datasheet HTML 8Page - Micrel Semiconductor SY88933AL Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Micrel, Inc
SY88933AL
February 2007
8
M9999-021207-B
hbwhelp@micrel.com or (408) 955-1690
Figure 1. VIS and VID Definitions
Figure 2. Input Structure
Figure 3. Output Structure
Figure 4. SD Output Structure
Figure 5. SDLVL Setting Circuit
Note: Recommended value for RSDLVL is 15kΩ or less.
Related Product and Support Documentation
Part Number
Function
Data Sheet Link
Application Notes
Notes on Sensitivity and Hysteresis in Micrel
Post Amplifiers
http://www.micrel.com/product-info/app_hints+notes.shtml


Similar Part No. - SY88933AL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88933AL MICREL-SY88933AL Datasheet
336Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88933ALKG MICREL-SY88933ALKG Datasheet
336Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88933ALKGTR MICREL-SY88933ALKGTR Datasheet
336Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88933ALKI MICREL-SY88933ALKI Datasheet
336Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88933ALKITR MICREL-SY88933ALKITR Datasheet
336Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
More results

Similar Description - SY88933AL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88933AL MICREL-SY88933AL Datasheet
336Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88149CL MICREL-SY88149CL Datasheet
280Kb / 10P
   3.3V, 1.25Gbps PECL LIMITING POST AMPLIFIER W/HIGH GAIN TTL SIGNAL DETECT
SY88149CL MICREL-SY88149CL_07 Datasheet
285Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Signal Detect
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88147DL MICREL-SY88147DL Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Loss-of-Signal
SY88903AL MICREL-SY88903AL Datasheet
333Kb / 9P
   3.3V, Burst Mode 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier with TTL Loss-of-Signal
SY88893V MICREL-SY88893V Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL SIGNAL DETECT
SY88147DL MICREL-SY88147DL_07 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88149CL MICREL-SY88149CL_09 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com