Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88933AL Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88933AL
Description  3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88933AL Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88933AL_07 Datasheet HTML 1Page - Micrel Semiconductor SY88933AL_07 Datasheet HTML 2Page - Micrel Semiconductor SY88933AL_07 Datasheet HTML 3Page - Micrel Semiconductor SY88933AL_07 Datasheet HTML 4Page - Micrel Semiconductor SY88933AL_07 Datasheet HTML 5Page - Micrel Semiconductor SY88933AL_07 Datasheet HTML 6Page - Micrel Semiconductor SY88933AL_07 Datasheet HTML 7Page - Micrel Semiconductor SY88933AL_07 Datasheet HTML 8Page - Micrel Semiconductor SY88933AL_07 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Micrel, Inc.
SY88933AL
February 2007
4
M9999-021207-B
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC).................................. 0V to +7.0V
Input Voltage (DIN, /DIN) ..................................0 to VCC
Output Current (IOUT)
Continuous..................................................... 50mA
Surge ........................................................... 100mA
EN Voltage ........................................................0 to VCC
VREF Current .................................... –800µA to +500µA
SDLVL Voltage ...............................................VREF to VCC
Lead Temperature (soldering, 20sec.) ................ 260°C
Storage Temperature (Ts) .................. –65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VCC)............................+3.0V to +3.6V
Ambient Temperature (TA) ..................–40°C to +85°C
Junction Temperature (TJ) ................–40°C to +120°C
Junction Thermal Resistance
MSOP (
θJA) Still-air ................................. 113°C/W
DC Electrical Characteristics
VCC = +3.0V to +3.6V; RLOAD = 50Ω to VCC–2V; TA = –40°C to +85°C; typical values at VCC = +3.3V, TA = +25
oC.
Symbol
Parameter
Condition
Min
Typ
Max
Units
ICC
Power Supply Current
No output load
26
39
mA
SDLVL
SDLVL Voltage
VREF
VCC
V
VOH
PECL Output HIGH Voltage
VCC-1.085 VCC-0.955 VCC-0.880
V
VOL
PECL Output LOW Voltage
VCC-1.850 VCC-1.705 VCC-1.555
V
VIHCMR
Common Mode Range
GND+2.0
VCC
V
VREF
Reference Voltage
VCC-1.48 VCC-1.32 VCC-1.16
V
TTL DC Electrical Characteristics
VCC = 3.0V to 3.6V; RLOAD = 50Ω to VCC-2V; TA = –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
EN Input HIGH Voltage
2.0
V
VIL
EN Input LOW Voltage
0.8
V
IIH
EN Input HIGH Current
VIN = 2.7V
VIN = VCC
20
100
µA
µA
IIL
EN Input HIGH Current
VIN = 0.5V
-0.3
mA
VOH
SD Output HIGH Level
VCC > 3.3V, IOH-MAX < 160uA
VCC < 3.3V, IOH-MAX < 160uA
2.4
2.0
V
V
VOL
SD Output LOW Level
IOL = +2mA
0.5
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.


Similar Part No. - SY88933AL_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88933ALKG MICREL-SY88933ALKG Datasheet
336Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88933ALKGTR MICREL-SY88933ALKGTR Datasheet
336Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88933ALKI MICREL-SY88933ALKI Datasheet
336Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88933ALKITR MICREL-SY88933ALKITR Datasheet
336Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
More results

Similar Description - SY88933AL_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88933AL MICREL-SY88933AL Datasheet
336Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88149CL MICREL-SY88149CL Datasheet
280Kb / 10P
   3.3V, 1.25Gbps PECL LIMITING POST AMPLIFIER W/HIGH GAIN TTL SIGNAL DETECT
SY88149CL MICREL-SY88149CL_07 Datasheet
285Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Signal Detect
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88147DL MICREL-SY88147DL Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Loss-of-Signal
SY88903AL MICREL-SY88903AL Datasheet
333Kb / 9P
   3.3V, Burst Mode 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier with TTL Loss-of-Signal
SY88893V MICREL-SY88893V Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL SIGNAL DETECT
SY88147DL MICREL-SY88147DL_07 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88149CL MICREL-SY88149CL_09 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com