Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88933AL Datasheet(PDF) 3 Page - Micrel Semiconductor

Part No. SY88933AL
Description  3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88933AL Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88933AL_07 Datasheet HTML 1Page - Micrel Semiconductor SY88933AL_07 Datasheet HTML 2Page - Micrel Semiconductor SY88933AL_07 Datasheet HTML 3Page - Micrel Semiconductor SY88933AL_07 Datasheet HTML 4Page - Micrel Semiconductor SY88933AL_07 Datasheet HTML 5Page - Micrel Semiconductor SY88933AL_07 Datasheet HTML 6Page - Micrel Semiconductor SY88933AL_07 Datasheet HTML 7Page - Micrel Semiconductor SY88933AL_07 Datasheet HTML 8Page - Micrel Semiconductor SY88933AL_07 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Micrel, Inc.
SY88933AL
February 2007
3
M9999-021207-B
hbwhelp@micrel.com or (408) 955-1690
Ordering Information
Part Number
Package
Type
Operating
Range
Package Marking
Lead
Finish
SY88933ALKG
K10-1
Industrial
933A with Pb-Free bar line indicator
NiPdAu
Pb-Free
SY88933ALKGTR
(1)
K10-1
Industrial
933A with Pb-Free bar line indicator
NiPdAu
Pb-Free
SY88933ALKI
K10-1
Industrial
933A
SnPb
SY88933ALKITR
(1)
K10-1
Industrial
933A
SnPb
Note:
1. Tape and Reel.
Pin Configuration
10-Pin MSOP (K10-1)
Pin Description
Pin Number
Pin Name
Type
Pin Function
1
EN
TTL Input: Default is
HIGH.
Enable: This input enables the outputs when it is HIGH. Note that
this input is internally connected to a 25kΩ pull-up resistor and will
default to a logic HIGH state if left open.
2
DIN
Data Input
True data input.
3
/DIN
Data Input
Complementary data input.
4
VREF
Reference voltage: Placing a capacitor here to VCC helps stabilize
SDLVL.
5
SDLVL
Input
Signal-Detect Level Set: a resistor from this pin to VCC sets the
threshold for the data input amplitude at which SD will be asserted.
6
GND
Ground
Device ground.
7
SD
Open-collector TTL
output w/internal
4.75k
Ω pull-up
resistor
Signal-Detect: asserts high when the data input amplitude rises
above the threshold set by SDLVL.
8
/DOUT
PECL Output
Complementary data output.
9
DOUT
PECL Output
True data output.
10
VCC
Power Supply
Positive power supply.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn