Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88923AVKGTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88923AVKGTR
Description  5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88923AVKGTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88923AVKGTR Datasheet HTML 1Page - Micrel Semiconductor SY88923AVKGTR Datasheet HTML 2Page - Micrel Semiconductor SY88923AVKGTR Datasheet HTML 3Page - Micrel Semiconductor SY88923AVKGTR Datasheet HTML 4Page - Micrel Semiconductor SY88923AVKGTR Datasheet HTML 5Page - Micrel Semiconductor SY88923AVKGTR Datasheet HTML 6Page - Micrel Semiconductor SY88923AVKGTR Datasheet HTML 7Page - Micrel Semiconductor SY88923AVKGTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SY88923AV
Micrel, Inc.
M9999-110905
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Power Supply Voltage (V
CC) ............................ 0V to +7.0V
Input Voltage
(D
IN, /DIN) ........................................................ 0V to VCC
(/EN) ................................................................ 0V to V
CC
(LOS
LVL) .......................................................... 0V to VCC
Output Voltage (with 50
Ω load)
(D
OUT, /DOUT) .......................... VCC –2.5V to VCC +0.3V
(V
REF) .................................................. VCC –2.0V to VCC
Lead Temperature (soldering, 20 sec.) ..................... 260
°C
Storage Temperature (T
S) ....................... –55°C to +125°C
Operating Ratings(2)
Supply Voltage (V
CC) .................................. +3.0V to +5.5V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Package Thermal Resistance
MSOP
JA)
Still-Air ........................................................... 113
°C/W
EPAD-MSOP
JA)
Still-Air ............................................................. 38
°C/W
V
CC =+5V ±10% or +3.3V ±10%; RL = 50Ω to VCC –2V; TA = –40°C to +85°C; unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
ICC
Power Supply Current
No output load
VCC = 5V ±10%,
38
60
mA
VCC = 3.3V ±10%
35
53
mA
IIL
/EN Input LOW Current
VIN = 0.5V
–0.3
mA
IIH
/EN Input HIGH Current
VIN = 2.7V
20
µA
VIN = VCC
100
µA
VCMR
Common Mode Range
GND +2.0
VCC
V
Voffset
Differential Output Offset
±80
mV
LOSLVL
LOSLVL Level
VREF
VCC
V
VOL
LOS Output LOW Level
IOL = +2mA
0.5
V
IOH
LOS Output Leakage
VOH = 5.5V
100
µA
VOH
DOUT and /DOUT
Output HIGH Voltage
VCC –1085 VCC –955 VCC –880
mV
VOL
DOUT and /DOUT
Output LOW Voltage
VCC –1830 VCC –1705 VCC –1555
mV
VREF
Reference Supply
VCC –1.38 VCC –1.32 VCC –1.26
V
IREF
VREF Output Current
–0.8
0.5
mA
VIH
/EN Input HIGH Voltage
2.0
V
VIL
/EN Input LOW Voltage
0.8
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended
periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. The device is guaranteed to meet the DC specifications, shown in the table above, after thermal equilibrium has been established. The device is
tested in a socket such that transverse airflow of
≥500lfpm is maintained.
DC ELECTRICAL CHARACTERISTICS(3)


Similar Part No. - SY88923AVKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88923 MICREL-SY88923 Datasheet
98Kb / 8P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923 Datasheet
79Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923 MICREL-SY88923 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER Not recommended for new designs
SY88923 MICREL-SY88923 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923KC MICREL-SY88923KC Datasheet
98Kb / 8P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results

Similar Description - SY88923AVKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88993V MICREL-SY88993V Datasheet
70Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV_05 Datasheet
486Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993V MICREL-SY88993V_05 Datasheet
65Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV Datasheet
72Kb / 9P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV_07 Datasheet
67Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER SY88993AV
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V_10 Datasheet
419Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com