Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88913KGTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88913KGTR
Description  1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88913KGTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88913KGTR Datasheet HTML 1Page - Micrel Semiconductor SY88913KGTR Datasheet HTML 2Page - Micrel Semiconductor SY88913KGTR Datasheet HTML 3Page - Micrel Semiconductor SY88913KGTR Datasheet HTML 4Page - Micrel Semiconductor SY88913KGTR Datasheet HTML 5Page - Micrel Semiconductor SY88913KGTR Datasheet HTML 6Page - Micrel Semiconductor SY88913KGTR Datasheet HTML 7Page - Micrel Semiconductor SY88913KGTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SY88913
Micrel, Inc.
M9999-081505
hbwhelp@micrel.com or (408) 955-1690
TA = –40°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
Conditions
PSRR
Power Supply(1)
35
dB
Input referred,
Rejection Ratio
55MHz
VID
Input Voltage Range
5
1800
5
1800
5
1800
5
1800
mV
PP
t
r, tf
Output Rise/Fall Time
350
350
200
350
350
ps
V
ID > 100mVPP
trin,tfin
V
ID < 100mVPP
VOD
Differential Output
600
mV
V
ID = 15mVPP
Voltage Swing(2)
——
200
———
mV
V
ID = 5mVPP
t
OFFL
/LOS Release Time(3)
0.5
0.5
0.1
0.5
0.5
µs
Minimum Input
t
OFFH
/LOS Release Time(4)
0.5
0.5
0.1
0.5
0.5
µs
Maximum Input
t
ONL
/LOS Assert Time(3)
0.5
0.5
0.2
0.5
0.5
µs
VSR
/LOS Sensitivity Range
5
50
5
50
5
50
5
50
mV
PP
HYS
/LOS Hysteresis
2
8
2
8
2
4.6
8
2
8
dB
AC ELECTRICAL CHARACTERISTICS
V
CC = +5V ±10%, RLOAD = 50Ω to VCC–2V, TA = –40°C to +85°C.
Notes:
1. Input referred noise = RMS output noise/low frequency gain.
2. Input is 622MHz square wave.
3. Input is a 200MHz square wave, tr < 300ps, 8mV
PP.
4. Input is a 200MHz square wave, tr < 300ps, 1.8V
PP.


Similar Part No. - SY88913KGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88913KGTR MICREL-SY88913KGTR Datasheet
91Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results

Similar Description - SY88913KGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88913 MICREL-SY88913_07 Datasheet
91Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903_07 Datasheet
91Kb / 7P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913 Datasheet
101Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903 Datasheet
102Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V_07 Datasheet
479Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V Datasheet
50Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V_10 Datasheet
419Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V Datasheet
54Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
logo
Arizona Microtek, Inc
AZ88943 AZM-AZ88943 Datasheet
56Kb / 5P
   High-Speed Limiting Post Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com