Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88913KGTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY88913KGTR
Description  1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88913KGTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY88913KGTR Datasheet HTML 1Page - Micrel Semiconductor SY88913KGTR Datasheet HTML 2Page - Micrel Semiconductor SY88913KGTR Datasheet HTML 3Page - Micrel Semiconductor SY88913KGTR Datasheet HTML 4Page - Micrel Semiconductor SY88913KGTR Datasheet HTML 5Page - Micrel Semiconductor SY88913KGTR Datasheet HTML 6Page - Micrel Semiconductor SY88913KGTR Datasheet HTML 7Page - Micrel Semiconductor SY88913KGTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
SY88913
Micrel, Inc.
M9999-081505
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s Up to 1.25Gbps operation
s Low noise
s Chatter-Free /LOS Generation
s PECL /LOS Output
s TTL /EN Input
s Differential PECL inputs for data
s /EN input is TTL with internal 27K pull-up
s Single power supply
s Designed for use with SY88902 and SY88904
s Available in a tiny 10-pin (3mm x3 mm) MSOP
The SY88913 limiting post amplifier with its high gain
and wide bandwidth is ideal for use as a post amplifier in
fiber-optic receivers with data rates up to 1.25Gbps.
Signals as small as 5mVp-p can be amplified to drive
devices with PECL inputs. The SY88913
generates a
chatter-free PECL Loss of Signal (/LOS).
The SY88913 incorporates a programmble level detect
function to identify when the input signal has been lost.
This information can be fed back to the /EN input of the
device to maintain stability under loss of signal conditions.
Using LOSLVL pin the sensitivity of the level detect can
be adjusted. The LOSLVL voltage can be set by
connecting a resistor divider between VCC and VREF,
Figure 2. Figure 3 shows the relationship between input
level sensitivity and the voltage set on LOSLVL. Figure 4
shows the relationship between input level sensitivity and
resistor divider ratio.
FEATURES
1.25Gbps HIGH-SPEED
LIMITING POST AMPLIFIER
SY88913
APPLICATIONS
s 1.25Gbps Gigabit Ethernet
s 531Mbps and 1062Mbps Fibre Channel
s 622Mbps SONET
s Gigabit Interface Converter
BLOCK DIAGRAM
Limiting
Amplifier
DIN
DIN
Level
Detect
ECL
Buffer
Enable
DOUT
DOUT
LOSLVL
LOS
GND
VCC
EN
VREF
Rev.: F
Amendment: /0
Issue Date:
August 2005


Similar Part No. - SY88913KGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88913KGTR MICREL-SY88913KGTR Datasheet
91Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results

Similar Description - SY88913KGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88913 MICREL-SY88913_07 Datasheet
91Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903_07 Datasheet
91Kb / 7P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913 Datasheet
101Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903 Datasheet
102Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V_07 Datasheet
479Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V Datasheet
50Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V_10 Datasheet
419Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903V MICREL-SY88903V Datasheet
54Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
logo
Arizona Microtek, Inc
AZ88943 AZM-AZ88943 Datasheet
56Kb / 5P
   High-Speed Limiting Post Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com