Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT6810PW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # CBT6810PW
Description  10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT6810PW Datasheet(HTML) 4 Page - NXP Semiconductors

  CBT6810PW Datasheet HTML 1Page - NXP Semiconductors CBT6810PW Datasheet HTML 2Page - NXP Semiconductors CBT6810PW Datasheet HTML 3Page - NXP Semiconductors CBT6810PW Datasheet HTML 4Page - NXP Semiconductors CBT6810PW Datasheet HTML 5Page - NXP Semiconductors CBT6810PW Datasheet HTML 6Page - NXP Semiconductors CBT6810PW Datasheet HTML 7Page - NXP Semiconductors CBT6810PW Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
CBT6810
10-bit bus switch with precharged outputs
and Schottky undershoot protection for live insertion
1999 Apr 05
4
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
Min
Max
UNIT
VCC
DC supply voltage
4.0
5.5
V
BIASV
DC supply voltage
1.3
VCC
V
VIH
High-level input voltage (control pin)
2.0
V
VIL
Low-level Input voltage (control pin)
0.8
V
Tamb
Operating free-air temperature range
–40
+85
°C
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = –40°C to +85°C
UNIT
Min
Typ1
Max
VIK
Input clamp voltage
VCC = 4.5V; II = –18mA
–1.2
V
II
Input leakage current (control pin)
VCC = 5.5V; VI = GND or 5.5V
± 5
µA
IO
Output bias current (B pins)
VCC = 4.5V; BiasV = 2.4V; VO = 0, OE = VCC
–0.25
mA
ICC
Quiescent supply current
VCC = 5.5V; IO = 0, VI = VCC or GND
2.5
mA
∆ICC
Control pins2
VCC = 5.5V, one input at 3.4V,
other inputs at VCC or GND
2.5
mA
CI
Control pins
VI= 3V or 0
3.5
pF
CO(OFF)
Terminal capacitance
VO = 3V or 0; switch off
9.0
pF
3
VCC = 4.5V; VI = 0V; II = 64mA
5
7
ron3
On-resistance
VCC = 4.5V; VI = 0V; II = 30mA
5
7
VCC = 4.5V; VI = 2.4V; II = –15mA
10
15
VP
Pass voltage
VIN = VCC = 5.0V; Iout = –100µA
3.4
3.6
3.9
V
IUSP4
Undershoot static current
protection
VCC = 5.0V, BiasV = VCC
IB = –5µA, VB ≥ 3V
–10
mA
NOTES:
1. All typical values are at VCC = 5V, TA = 25 C
2. This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND
3. Measured by the voltage drop between the A and the B terminals at the indicated current through the switch. On–state resistance is
determined by the lowest voltage of the two (A or B) terminals.
4. Force IUSP, measure VB ≥ 3V


Similar Part No. - CBT6810PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT6810PW PHILIPS-CBT6810PW Datasheet
90Kb / 9P
   10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
More results

Similar Description - CBT6810PW

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C6801C PERICOM-PI5C6801C Datasheet
339Kb / 5P
   10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
logo
NXP Semiconductors
CBT6820 PHILIPS-CBT6820 Datasheet
52Kb / 8P
   20-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
CBT6800 PHILIPS-CBT6800 Datasheet
75Kb / 8P
   10-bit bus switch with precharged outputs for live insertion
1999 Oct 28
CBT6810 PHILIPS-CBT6810_02 Datasheet
90Kb / 9P
   10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
logo
Fairchild Semiconductor
FSTU6800MTCX FAIRCHILD-FSTU6800MTCX Datasheet
192Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and ??V Undershoot Protection
FSTU6800 FAIRCHILD-FSTU6800_06 Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
logo
Pericom Semiconductor C...
PI3C6800 PERICOM-PI3C6800 Datasheet
387Kb / 5P
   2.5V/3.3V, 2-Port, 10-Bit Bus Switch with Precharged Outputs for Live Insertion
logo
Fairchild Semiconductor
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
logo
Pericom Semiconductor C...
PI3C16215 PERICOM-PI3C16215 Datasheet
357Kb / 4P
   3.3V, 2-Port, 20-Bit Bus Switch with Precharged Outputs for Live Insertion
logo
Texas Instruments
SN74CBTK6800 TI1-SN74CBTK6800 Datasheet
693Kb / 16P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com