Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT3384D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # CBT3384D
Description  10-bit bus switch with 5-bit output enables and Schottky undershoot protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBT3384D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button CBT3384D Datasheet HTML 2Page - NXP Semiconductors CBT3384D Datasheet HTML 3Page - NXP Semiconductors CBT3384D Datasheet HTML 4Page - NXP Semiconductors CBT3384D Datasheet HTML 5Page - NXP Semiconductors CBT3384D Datasheet HTML 6Page - NXP Semiconductors CBT3384D Datasheet HTML 7Page - NXP Semiconductors CBT3384D Datasheet HTML 8Page - NXP Semiconductors CBT3384D Datasheet HTML 9Page - NXP Semiconductors CBT3384D Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product data
CBT3384
10-bit bus switch with 5-bit output enables
2001 Dec 20
7
SSOP24:
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1


Similar Part No. - CBT3384D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
CBT3384D NEXPERIA-CBT3384D Datasheet
213Kb / 11P
   10-bit bus switch with 5-bit output enables
Rev. 7 - 6 March 2019
More results

Similar Description - CBT3384D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTS3384 PHILIPS-CBTS3384 Datasheet
112Kb / 11P
   10-bit bus switch with 5-bit output enables and Schottky undershoot protection
2002 Dec 13
logo
Nexperia B.V. All right...
74CBTLV3384 NEXPERIA-74CBTLV3384 Datasheet
857Kb / 19P
   10-bit bus switch with 5-bit output enables
CBT3384 NEXPERIA-CBT3384 Datasheet
213Kb / 11P
   10-bit bus switch with 5-bit output enables
Rev. 7 - 6 March 2019
logo
NXP Semiconductors
74CBTLV3384 PHILIPS-74CBTLV3384_15 Datasheet
165Kb / 18P
   10-bit bus switch with 5-bit output enables
Rev. 2-16 December 2011
CBT3384 PHILIPS-CBT3384_15 Datasheet
105Kb / 14P
   10-bit bus switch with 5-bit output enables
Rev. 06-2 November 2009
CBT6810 PHILIPS-CBT6810_02 Datasheet
90Kb / 9P
   10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
logo
Fairchild Semiconductor
FSTU3384 FAIRCHILD-FSTU3384_06 Datasheet
109Kb / 5P
   10-Bit Bus Switch with −2V Undershoot Protection
logo
NXP Semiconductors
74CBTLVD3384 PHILIPS-74CBTLVD3384_15 Datasheet
255Kb / 20P
   10-bit level-shifting bus switch with 5-bit output enables
Rev. 2-16 December 2011
logo
Nexperia B.V. All right...
74CBTLVD3384 NEXPERIA-74CBTLVD3384 Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with 5-bit output enables
CBTD3384 NEXPERIA-CBTD3384 Datasheet
229Kb / 13P
   10-bit level shifting bus switch with 5-bit output enables
Rev. 10 - 12 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com