Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCM56503 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part No. BCM56503
Description  24-PORT GbE MULTILAYER SWITCH WITH THREE 10-GbE/HiGig PORTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM56503 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM56503 Datasheet HTML 1Page - Broadcom Corporation. BCM56503 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM56503
®
24-PORT GbE MULTILAYER SWITCH WITH THREE 10-GbE/
HiGig+™ PORTS
24-Port GbE Multilayer Switch
24 10/100/1000 Mbps Ethernet ports supporting both copper
and fiber connections
Fifth generation of StrataSwitch
® and StrataXGS® product line
Three 12-Gbps or 10-Gbps HiGig+™ port uplink interfaces
Three 10-GbE Switching ports, CX4 support
Line-rate switching for all packet sizes and conditions
On-chip data packet memory and table memory
IPv6 routing and tunneling
Advanced Fast Filter Processor (FFP) ContentAware™
classification
Advanced security features in hardware
Port-trunking and mirroring supported across stack
Advanced packet flow control:
• Head-of-line blocking prevention
• Back pressure support
Eight QoS queues per port with hierarchical minimum/
maximum shaping per Classes of Service (CoS) per queue
per port
Standard compliant 802.1ad provider bridging
Highly scalable BroadScale™ architecture evolved from five
generations of switching experience provide rich features,
scalability, and future proof solutions.
Optimized for secure-switching and convergence of applications
and services in the networks.
System vendors can build scalable high-performance, high-port
density GbE LAN switches in several form factors.
Multiple CoS and low latency enable the support of VoIP and
other voice, video, and data applications.
Built-in high-speed serial interfaces with Broadcom-unique
SerDes technology ease and accelerate system design, while
reducing cost and conserving board space.
Broadcom switch API compatibility enables software reuse and
faster time-to-market.
Small package and low power enables cost-effective and high-
performance system design.
FE ATURE S
SU MM A R Y O F B E N E F I T S
ContentAware FFP
Security
L2/IPv4/IPv6
PCI
Packet Buffer MMU
HiGig+/10 GbE
HiGig+/10 GbE
HiGig+/10 GbE
24 x GbE
10/100/1000 MACs


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn