Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88802KC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88802KC
Description  5V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88802KC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88802KC Datasheet HTML 1Page - Micrel Semiconductor SY88802KC Datasheet HTML 2Page - Micrel Semiconductor SY88802KC Datasheet HTML 3Page - Micrel Semiconductor SY88802KC Datasheet HTML 4Page - Micrel Semiconductor SY88802KC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SY88802
Micrel
Absolute Maximum Ratings(Note 1)
Power Supply Voltage (V
CC) ............................ 0V to +7.0V
Input Voltage (V
IN) .............................................. 0V to VCC
Output Current (I
OUT) ................................................. 25mA
Power Dissipation (P
TOT) ........................................ 250mW
Storage Temperature Range (T
S) ............ –55°C to +125°C
Operating Ratings(Notes 2, 3, 4)
Supply Voltage (V
CC) .................................. +4.5V to +5.5V
Ambient Temperature (T
A), Note 5 ............ –40°C to +85°C
Junction Temperature (T
J), Note 5 ............ –40°C to 100°C
Resistor to Dissipate Power (R
EXT) .................. 10Ω to 50Ω
Laser Diode Serial Resistor (R
SER) .................... 0Ω to 50Ω
Resistor to Adjust Current (R
SET) .......... 1500Ω to 50,000Ω
Package Thermal Resistance
MSOP
JA) Still-Air ...................................................... 113°C/W
JB) Still-Air ........................................................ 74°C/W
GND = 0V; V
CC = 5V ±10%; TA = –40°C to +85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IH
Input HIGH Voltage
VCC–1.165
V
CC–0.880
V
(D
IN, /DIN, /EN)
V
IL
Input LOW Voltage
V
CC–1.810
V
CC–1.475
V
(D
IN, /DIN, /EN)
V
REF
Reference Voltage
3.00
V
I
IL
Input LOW Current
VIN = VIL(min)
0.5
µA
(D
IN, /DIN, /EN)
I
IH
Input HIGH Current
100
µA
(D
IN, /DIN, /EN)
I
CC
Supply Current
IMOD = 25mA
16
25
mA
I
OUT_OFF
Output LOW Current
500
µA
(/EN = HIGH)
I
OUT
Modulation Current
5
15
25
mA
A
RSET
I
OUT/IRSET
30
38
44
V
OUT
Voltage at OUT, /OUT
V
CC–2.3
V
CC
V
C
OUT
Capacitance on OUT, /OUT
2.5
pF
Note 1.
Specification for packaged product only.
DC ELECTRICAL CHARACTERISTICS(Note 1)
Note 1.
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation
is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to ABSOLUTE MAXIMUM
RATlNG conditions for extended periods may affect device reliability.
Note 2.
The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
Note 3.
The device is guaranteed to meet the DC specifications, shown in the table above, after thermal equilibrium has been established. The device
is tested in a socket such that transverse airflow of
≥500lfpm is maintained.
Note 4.
The voltage drop across REXT and RSER plus Laser Diode must not be greater than 2.3V.
Note 5.
Commercial devices are guaranteed from 0
°C to +85°C ambient temperature.


Similar Part No. - SY88802KC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88803V MICREL-SY88803V Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88803V MICREL-SY88803V Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER
SY88803VKC MICREL-SY88803VKC Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88803VKC MICREL-SY88803VKC Datasheet
68Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88803VKCTR MICREL-SY88803VKCTR Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
More results

Similar Description - SY88802KC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88822V MICREL-SY88822V_05 Datasheet
56Kb / 5P
   5V/3.3V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88702 MICREL-SY88702 Datasheet
56Kb / 5P
   5V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88722V MICREL-SY88722V Datasheet
56Kb / 5P
   5V/3.3V 622Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88822V MICREL-SY88822V Datasheet
63Kb / 5P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
SY100EL1003 MICREL-SY100EL1003 Datasheet
92Kb / 6P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
SY100EL1003 MICREL-SY100EL1003_06 Datasheet
78Kb / 7P
   LASER DIODE DRIVER WITH OUTPUT ENABLE
logo
Maxim Integrated Produc...
MAX3263 MAXIM-MAX3263_V01 Datasheet
199Kb / 12P
   Single 5V, Fully Integrated, 155Mbps Laser Diode Driver
2001
MAX3262 MAXIM-MAX3262 Datasheet
145Kb / 12P
   Single 5V, Fully Integrated, 155Mbps Laser Diode Driver
19-0432; Rev 1b; 4/98
logo
Micrel Semiconductor
SY88902 MICREL-SY88902 Datasheet
79Kb / 8P
   LASER DIODE DRIVER WTIH OUTPUT ENABLE
SY88922V MICREL-SY88922V_06 Datasheet
455Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com