Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88793V Datasheet(PDF) 4 Page - Micrel Semiconductor

Part No. SY88793V
Description  3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88793V Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88793V Datasheet HTML 1Page - Micrel Semiconductor SY88793V Datasheet HTML 2Page - Micrel Semiconductor SY88793V Datasheet HTML 3Page - Micrel Semiconductor SY88793V Datasheet HTML 4Page - Micrel Semiconductor SY88793V Datasheet HTML 5Page - Micrel Semiconductor SY88793V Datasheet HTML 6Page - Micrel Semiconductor SY88793V Datasheet HTML 7Page - Micrel Semiconductor SY88793V Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SY88793V
Micrel, Inc.
M9999-072505
hbwhelp@micrel.com or (408) 955-1690
V
CC = 3.0V to 3.6V or 4.5V to 5.5V; RLOAD = 50Ω to VCC–2V; TA = –40°C to +85°C; typical values at VCC = 3.3V, TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
HYS
SD Hysteresis
electrical signal
2
4.6
8
dB
t
OFF
SD Release Time
0.1
0.5
µs
t
ON
SD Assert Time
0.2
0.5
µs
tr,tf
Differential Output Rise/Fall Time
400
ps
(20% to 80%)
V
ID
Differential Input Voltage Swing
5
1800
mV
PP
V
OD
Differential Output Voltage Swing
V
ID ≥ 18mVPP
1500
mV
PP
V
ID = 5mVPP
400
mV
PP
V
SR
SD Sensitivity Range
5
50
mV
PP
A
V(Diff)
Differential Voltage Gain
38
dB
B
–3dB
3dB Bandwidth
700
MHz
S
21
Single-Ended Small-Signal Gain
26
32
dB
Note 1.
Specification for packaged product only.
AC ELECTRICAL CHARACTERISTICS(Note 1)
TYPICAL OPERATING CHARACTERISTICS
0
20
40
60
80
100
120
140
R
SDLVL (Ω)
V
SUP = 3.3V
T
A = 25°C
622Mbps
Pattern 223–1
ASSERT
DEASSERT
SD Assert and Deassert
Levels vs. R
SDLVL
0
20
40
60
80
100
120
0
0.2 0.4 0.6 0.8
1
1.2 1.4
SD
LVL (referenced to VCC) (V)
V
SUP = 3.3V
T
A = 25°C
622Mbps
Pattern 223–1
ASSERT
DEASSERT
SD Assert and Deassert
Levels vs. SD
LVL


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn