Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY88345BL Datasheet(PDF) 3 Page - Micrel Semiconductor

Part No. SY88345BL
Description  3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/ High-Gain TTL Signal Detect
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88345BL Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88345BL Datasheet HTML 1Page - Micrel Semiconductor SY88345BL Datasheet HTML 2Page - Micrel Semiconductor SY88345BL Datasheet HTML 3Page - Micrel Semiconductor SY88345BL Datasheet HTML 4Page - Micrel Semiconductor SY88345BL Datasheet HTML 5Page - Micrel Semiconductor SY88345BL Datasheet HTML 6Page - Micrel Semiconductor SY88345BL Datasheet HTML 7Page - Micrel Semiconductor SY88345BL Datasheet HTML 8Page - Micrel Semiconductor SY88345BL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel, Inc.
SY88345BL
February 2007
3
M9999-021207-B
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Pin Number
(MSOP)
Pin Number
(MLF
®)
Pin Name
Type
Pin Function
1
15
EN
TTL Input: Default is
high.
Enable: De-asserts true data output when LOW.
2
1
DIN
Data Input
True data input w/50Ω termination to VREF.
3
4
/DIN
Data Input
Complementary data input w/50Ω termination to
VREF.
4
6
VREF
Reference Voltage: Placing a capacitor here to VCC
helps stabilize SDLVL.
5
14
SDLVL
Input: Default is
maximum sensitivity
Signal-detect Level Set: A resistor from this pin to
VCC sets the threshold for the data input amplitude at
which the SD output will be asserted.
6
Exposed Pad
2, 3, 10, 11
Exposed Pad
GND
Ground
Device ground. Exposed pad must be connected to
PCB ground plane.
7
7
SD
Open Collector
TTL Output with
Internal 4.75kΩ pull-up
Resistor
Signal-detect: Asserts high when the data input
amplitude rises above the threshold sets by SDLVL.
8
9
/DOUT
CML Output
Complementary data output.
9
12
DOUT
CML Output
True data output.
10
5, 8, 13, 16
VCC
Power supply
Positive power supply.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn