Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88149CLKGTR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY88149CLKGTR
Description  3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Signal Detect
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88149CLKGTR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY88149CLKGTR Datasheet HTML 2Page - Micrel Semiconductor SY88149CLKGTR Datasheet HTML 3Page - Micrel Semiconductor SY88149CLKGTR Datasheet HTML 4Page - Micrel Semiconductor SY88149CLKGTR Datasheet HTML 5Page - Micrel Semiconductor SY88149CLKGTR Datasheet HTML 6Page - Micrel Semiconductor SY88149CLKGTR Datasheet HTML 7Page - Micrel Semiconductor SY88149CLKGTR Datasheet HTML 8Page - Micrel Semiconductor SY88149CLKGTR Datasheet HTML 9Page - Micrel Semiconductor SY88149CLKGTR Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Micrel, Inc.
SY88149CL
February 2007
7
M9999-021207-B
hbwhelp@micrel.com or (408) 955-1690
Functional Block Diagram
Detailed Description
The SY88149CL high-sensitivity limiting post amplifier
operates from a single +3.3V power supply, over
temperatures from –40°C to +85°C. Signals with data
rates up to 1.25Gbps and as small as 5mVPP can be
amplified. Figure 1 shows the allowed input voltage
swing. The SY88149CL generates an SD output,
allowing feedback to EN for output stability. SDLVL sets
the sensitivity of the input amplitude detection.
Input Amplifier/Buffer
Figure 2 shows a simplified schematic of the input
stage. The high-sensitivity of the input amplifier allows
signals as small as 5mVPP to be detected and amplified.
The input amplifier allows input signals as large as
1800mVPP. Input signals are linearly amplified with a
typically 42dB differential voltage gain. Since it is a
limiting amplifier, the SY88149CL outputs typically
1500mVPP voltage-limited waveforms for input signals
that are greater than 12mVPP. Applications requiring the
SY88149CL to operate with high-gain should have the
upstream TIA placed as close as possible to the
SY88149CL’s input pins. This ensures the best
performance of the device.
Output Buffer
The SY88149CL’s PECL output buffer is designed to
drive 50Ω lines. The output buffer requires appropriate
termination for proper operation. An external 50Ω
resistor to VCC–2V for each output pin provides this.
Figure 3 shows a simplified schematic of the output
stage.
Signal Detect
The SY88149CL generates a chatter-free Signal-Detect
(SD) open-collector TTL output with internal 4.75kΩ pull-
up resistor, as shown in Figure 4. SD is used to
determine that the input amplitude is too small to be
considered a valid input. SD asserts high if the input
amplitude rises above threshold set by SDLVL and de-
asserts low otherwise. SD can be fed back to the enable
(EN) input to maintain output stability under a SDs of
signal condition. EN de-asserts low the true output
signal without removing the input signals. Typically,
3.4dB SD hysteresis is provided to prevent chattering.
Signal Detect Level Set
A programmable SD level set pin (SDLVL) sets the
threshold of the input amplitude detection. Connecting
an external resistor between VCC and SDLVL sets the
voltage at SDLVL. This voltage ranges from VCC to VREF.
The external resistor creates a voltage divider between
VCC and VREF, as shown in Figure 5.
Hysteresis
The SY88149CL provides typically 3.4dB SD electrical
hysteresis. By definition, a power ratio measured in dB
is 10log (power ratio). Power is calculated as V
2
IN/R for
an electrical signal. Hence the same ratio can be stated
as 20log (voltage ratio). While in linear mode, the
electrical voltage input changes linearly with the optical
power and hence the ratios change linearly. Therefore,
the optical hysteresis in dB is half the electrical
hysteresis in dB given in the data sheet. The
SY88149CL is an electrical device; this data sheet
refers to hysteresis in electrical terms. With 3.4dB SD
hysteresis, a voltage factor of 1.5 is required to assert or
de-assert SD.


Similar Part No. - SY88149CLKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88149CLKGTR MICREL-SY88149CLKGTR Datasheet
280Kb / 10P
   3.3V, 1.25Gbps PECL LIMITING POST AMPLIFIER W/HIGH GAIN TTL SIGNAL DETECT
SY88149CLKGTR MICREL-SY88149CLKGTR Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
More results

Similar Description - SY88149CLKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88149CL MICREL-SY88149CL Datasheet
280Kb / 10P
   3.3V, 1.25Gbps PECL LIMITING POST AMPLIFIER W/HIGH GAIN TTL SIGNAL DETECT
SY88933AL MICREL-SY88933AL_07 Datasheet
325Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88933AL MICREL-SY88933AL Datasheet
336Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88147DL MICREL-SY88147DL Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Loss-of-Signal
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88893V MICREL-SY88893V Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL SIGNAL DETECT
SY88345BL MICREL-SY88345BL Datasheet
371Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/ High-Gain TTL Signal Detect
SY88147DL MICREL-SY88147DL_07 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88149CL MICREL-SY88149CL_09 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com