Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87813LHGTR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY87813LHGTR
Description  3.3V, 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87813LHGTR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY87813LHGTR Datasheet HTML 3Page - Micrel Semiconductor SY87813LHGTR Datasheet HTML 4Page - Micrel Semiconductor SY87813LHGTR Datasheet HTML 5Page - Micrel Semiconductor SY87813LHGTR Datasheet HTML 6Page - Micrel Semiconductor SY87813LHGTR Datasheet HTML 7Page - Micrel Semiconductor SY87813LHGTR Datasheet HTML 8Page - Micrel Semiconductor SY87813LHGTR Datasheet HTML 9Page - Micrel Semiconductor SY87813LHGTR Datasheet HTML 10Page - Micrel Semiconductor SY87813LHGTR Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Micrel, Inc.
SY87813L
November 2006
7
M9999-112806-B
hbwhelp@micrel.com or (408) 955-1690
Functional Block
Functional Description
Clock Recovery
Clock recovery, as shown in the block diagram,
generates a clock that is at the same frequency as the
incoming data bit rate at the serial data input. The
clock is phase aligned by a PLL so that it samples the
data in the center of the data eye pattern.
The phase relationship between the edge transitions
of the data and those of the generated clock are
compared by a phase/frequency detector. Output
pulses from the detector indicate the required
direction of phase correction. These pulses are
smoothed by a filter. The output of the loop filter
controls the frequency of the Voltage Controlled
Oscillator (VCO), which generates the recovered
clock.
Frequency, stability, without incoming data, is
guaranteed by an alternate reference input (REFCLK
or REFCLKP/N) that the PLL locks onto when data is
lost. If the frequency of the incoming signal varies by
greater than approximately 900ppm with respect to
the synthesizer frequency, the PLL will be declared
out of lock, and the PLL will lock to the reference
clock.
The loop filter transfer function is optimized to enable
the PLL to track the jitter, yet tolerate the minimum
transition density expected in a received SONET data
signal.
Lock Detect
The SY87813L contains a link fault indication circuit,
which monitors the integrity of the serial data inputs. If
the recovered serial data from RDIN is at the correct
data rate (within 900ppm of the synthesizer
frequency), the Link Fault Indicator (LFIN) output will
then be asserted HIGH indicating an in-lock condition
and will remain HIGH as long as this condition is met.
In the event that the recovered serial data is not at the
correct data rate (greater than 900ppm difference
from the synthesizer frequency), then LFIN output will
go LOW indicating an out-of-lock condition. This
condition will force the Clock and Data Recovery PLL
(CDR) to lock onto the synthesizer frequency until it is
within the correct frequency range (less than 900ppm
difference from the synthesizer frequency). Once the
CDR is within the correct frequency range, it will again
lock onto the RDIN input.


Similar Part No. - SY87813LHGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87813L MICREL-SY87813L Datasheet
205Kb / 35P
   3-Port 10/100 Integrated Switch with PHY and Frame Buffer
SY87813L MICREL-SY87813L_06 Datasheet
205Kb / 35P
   3-Port 10/100 Integrated Switch with PHY and Frame Buffer
More results

Similar Description - SY87813LHGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701AL MICREL-SY87701AL Datasheet
158Kb / 15P
   3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87701AL MICREL-SY87701AL_07 Datasheet
151Kb / 15P
   3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87702L MICREL-SY87702L Datasheet
112Kb / 14P
   3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87702L MICREL-SY87702L_06 Datasheet
555Kb / 14P
   3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87721L MICREL-SY87721L Datasheet
160Kb / 15P
   3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
   3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
   5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com