Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87813LHGTR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY87813LHGTR
Description  3.3V, 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87813LHGTR Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY87813LHGTR Datasheet HTML 2Page - Micrel Semiconductor SY87813LHGTR Datasheet HTML 3Page - Micrel Semiconductor SY87813LHGTR Datasheet HTML 4Page - Micrel Semiconductor SY87813LHGTR Datasheet HTML 5Page - Micrel Semiconductor SY87813LHGTR Datasheet HTML 6Page - Micrel Semiconductor SY87813LHGTR Datasheet HTML 7Page - Micrel Semiconductor SY87813LHGTR Datasheet HTML 8Page - Micrel Semiconductor SY87813LHGTR Datasheet HTML 9Page - Micrel Semiconductor SY87813LHGTR Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Micrel, Inc.
SY87813L
November 2006
6
M9999-112806-B
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
VCC = VCCO = VCCA = 3.3V ±5%; RL = 50Ω to VCC-2V; TA = –40°C to +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fVCO
VCO Center Frequency
fREFCLK x Byte Rate
650
1300
MHz
∆fVCO
VCO Center Frequency
Tolerance
Nominal
5
%
tACQ
Acquisition Lock Time
15
µs
tCPWH
REFCLK Pulse Width HIGH
3
ns
tCPWL
REFCLK Pulse Width LOW
3
ns
tIRFT
REFCLK TTL Input Rise Time
0.5
2
ns
tIRFP
REFCLKN, REFCLKP PECL
Input Rise/Fall Time (20% to
80%)
1.0
ns
tODC
Output Duty Cycle (RCLK/TCLK)
45
55
% of
UI
tr, tf
PECL Output Rise/Fall Time
(20% to 80%)
100
400
ps
tSKEW
Recovered Clock Skew
-200
+200
ps
tDV
Data Valid
1/(2xfRCLK) -200
ps
tDH
Data Hold
1/(2xfRCLK) -200
ps
Timing Waveforms


Similar Part No. - SY87813LHGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87813L MICREL-SY87813L Datasheet
205Kb / 35P
   3-Port 10/100 Integrated Switch with PHY and Frame Buffer
SY87813L MICREL-SY87813L_06 Datasheet
205Kb / 35P
   3-Port 10/100 Integrated Switch with PHY and Frame Buffer
More results

Similar Description - SY87813LHGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701AL MICREL-SY87701AL Datasheet
158Kb / 15P
   3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87701AL MICREL-SY87701AL_07 Datasheet
151Kb / 15P
   3.3V 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87702L MICREL-SY87702L Datasheet
112Kb / 14P
   3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87702L MICREL-SY87702L_06 Datasheet
555Kb / 14P
   3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87721L MICREL-SY87721L Datasheet
160Kb / 15P
   3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
   3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
   5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com