Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87739LHITR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY87739LHITR
Description  PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87739LHITR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY87739LHITR Datasheet HTML 1Page - Micrel Semiconductor SY87739LHITR Datasheet HTML 2Page - Micrel Semiconductor SY87739LHITR Datasheet HTML 3Page - Micrel Semiconductor SY87739LHITR Datasheet HTML 4Page - Micrel Semiconductor SY87739LHITR Datasheet HTML 5Page - Micrel Semiconductor SY87739LHITR Datasheet HTML 6Page - Micrel Semiconductor SY87739LHITR Datasheet HTML 7Page - Micrel Semiconductor SY87739LHITR Datasheet HTML 8Page - Micrel Semiconductor SY87739LHITR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
SY87739L
Micrel, Inc.
M9999-111406
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(Note 1)
Supply Voltage (V
CC) .................................. –0.5V to +5.0V
Input Voltage(V
IN) ...................................... –0.5V to VCC
ECL Output Current (I
OUT)
Continuous ......................................................... 50mA
Surge ................................................................ 100mA
Lead Temperature (soldering, 10 sec.) ..................... 220°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings(Note 2)
Supply Voltage (V
IN) ............................... +3.15V to +3.45V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Junction Temperature (T
J) ........................................ 125°C
Package Thermal Resistance
EPAD-TQFP (θJA), (Note 3)
Still-Air .......................................................... 27.6°C/W
500lfpm ......................................................... 20.7°C/W
V
CC = VCCO = VCCA = 3.3V ±5%; GND = GNDA = 0V; TA = –40°C to +85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
CC
Power Supply Voltage
3.15
3.3
3.45
V
I
CC
Power Supply Current
210
280
mA
DC ELECTRICAL CHARACTERISTICS
Note 1.
Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is
not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng
conditions for extended periods may affect device reliability.
Note 2.
The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
Note 3.
Measured with die attach pad soldered to PCB, JEDEC standard multi-layer board.
V
CC = VCCO = VCCA = 3.3V ±5%; GND = GNDA = 0V; TA = –40°C to +85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IH
Input HIGH Voltage
V
CC–1.165
V
CC–0.880
V
V
IL
Input LOW Voltage
V
CC–1.810
V
CC–1.475
V
V
OH
Output HIGH Voltage
50Ω to VCC–2V
V
CC–1.075
V
CC–0.830
V
V
OL
Output LOW Voltage
50Ω to VCC–2V
V
CC–1.860
V
CC–1.570
V
I
IL
Input LOW Current
V
IN = VIL(Min.), Note 1, 2
–1.5
µA
PECL DC ELECTRICAL CHARACTERISTICS
Note 1.
The REFCLK+ pin has a nominal 75kΩ pull-down resistor connected to ground.
Note 2.
The RECLK– pin has a nominal 75kΩ pull-down resistor connected to ground and a nominal 75kΩ pull-up resistor connected to VCC.
V
CC = VCCO = VCCA = 3.3V ±5%; GND = GNDA = 0V; TA = –40°C to +85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IH
Input HIGH Voltage
2.0
V
V
IL
Input LOW Voltage
0.8
V
V
OH
Output HIGH Voltage
I
OH = –2mA
2.0
V
V
OL
Output LOW Voltage
I
OL = 4mA
0.5
V
I
IH
Input HIGH Current
V
IN = 2.7V, VCC = Max.
+20
µA
V
IN = VCC, VCC = Max.
+100
µA
I
IL
Input LOW Current
V
IN = 0.5V, VCC = Max.
–300
µA
I
OS
Output Short Circuit Current
V
OUT = 0V, (1 sec. Max.)
–100
–250
mA
TTL DC ELECTRICAL CHARACTERISTICS


Similar Part No. - SY87739LHITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87739LHITR MICREL-SY87739LHITR Datasheet
451Kb / 17P
   Protocol Transparent, 3.3V, 10MHz to 729MHz, Fractional-N Synthesizer
SY87739LHITR MICREL-SY87739LHITR Datasheet
335Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
More results

Similar Description - SY87739LHITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87739L MICREL-SY87739L_07 Datasheet
335Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87739L MICREL-SY87739L_11 Datasheet
451Kb / 17P
   Protocol Transparent, 3.3V, 10MHz to 729MHz, Fractional-N Synthesizer
SY87729L MICREL-SY87729L Datasheet
98Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L_06 Datasheet
532Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L_07 Datasheet
275Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com