Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SA2R510PTFC Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # S48SA2R510PTFC
Description  Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SA2R510PTFC Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  S48SA2R510PTFC Datasheet HTML 1Page - Delta Electronics, Inc. S48SA2R510PTFC Datasheet HTML 2Page - Delta Electronics, Inc. S48SA2R510PTFC Datasheet HTML 3Page - Delta Electronics, Inc. S48SA2R510PTFC Datasheet HTML 4Page - Delta Electronics, Inc. S48SA2R510PTFC Datasheet HTML 5Page - Delta Electronics, Inc. S48SA2R510PTFC Datasheet HTML 6Page - Delta Electronics, Inc. S48SA2R510PTFC Datasheet HTML 7Page - Delta Electronics, Inc. S48SA2R510PTFC Datasheet HTML 8Page - Delta Electronics, Inc. S48SA2R510PTFC Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DS_S48SA1R212_05122006
ELECTRICAL CHARACTERISTICS CURVES
Strip
Copper
Vo(-)
Vo(+)
10u
1u
SCOPE
RESISTIVE
LOAD
Figure 9:
Input Reflected Ripple Current, is, at full rated output
current and nominal input voltage with 12µH source impedance
and 33µF electrolytic capacitor (2 mA/div).
Figure 10:
Output voltage noise and ripple measurement test
setup. Scope measurement should be made using a BNC
cable (length shorter than 20 inches). Position the load
between 51 mm to 76 mm (2 inches to 3 inches) from the
module.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
2.0
4.0
6.0
8.0
10.0 12.0 14.0 16.0
LOAD CURRENT (A)
Vin=48V
Figure 11:
Output voltage ripple at nominal input voltage and
rated load current (10 mV/div). Load capacitance: 1µF ceramic
capacitor and 10µF tantalum capacitor. Bandwidth: 20 MHz.
Figure 12:
Output voltage vs. load current showing typical
current limit curves and converter shutdown points.
5


Similar Part No. - S48SA2R510PTFC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA2R510NRFA DELTA-S48SA2R510NRFA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
S48SA2R510NRFA DELTA-S48SA2R510NRFA Datasheet
865Kb / 13P
   UL/cUL 60950 (US & Canada) recognized
S48SA2R510NRFA DELTA-S48SA2R510NRFA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
More results

Similar Description - S48SA2R510PTFC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R250 DELTA-E48SH1R250 Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SC05012NRFA DELTA-E48SC05012NRFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
S24SA1R212NRFA DELTA-S24SA1R212NRFA Datasheet
850Kb / 13P
   Delphi Series S24SA, 2?쓝1??Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
V48SR1R225NRFA DELTA-V48SR1R225NRFA Datasheet
787Kb / 14P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 1.2V, 25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com