Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM431GBCN Datasheet(PDF) 7 Page - Champion Microelectronic Corp.

Part # CM431GBCN
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM431GBCN Datasheet(HTML) 7 Page - Champion Microelectronic Corp.

Back Button CM431GBCN Datasheet HTML 3Page - Champion Microelectronic Corp. CM431GBCN Datasheet HTML 4Page - Champion Microelectronic Corp. CM431GBCN Datasheet HTML 5Page - Champion Microelectronic Corp. CM431GBCN Datasheet HTML 6Page - Champion Microelectronic Corp. CM431GBCN Datasheet HTML 7Page - Champion Microelectronic Corp. CM431GBCN Datasheet HTML 8Page - Champion Microelectronic Corp. CM431GBCN Datasheet HTML 9Page - Champion Microelectronic Corp. CM431GBCN Datasheet HTML 10Page - Champion Microelectronic Corp. CM431GBCN Datasheet HTML 11Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CM431
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2006/10/11 Rev.1.4
Champion Microelectronic Corporation
Page 7
APPLICATION INFORMATION
V
B
OB = (1 + R1/R2) × VBREF
Note: R should provide 1mA cathode current to the
CM431 of minimum V
B
BATT
Figure 4. Shunt Regulator
Figure 5. Single –Supply Comparator With Temperature
compensated threshold.
V
B
OB = (1 + R1/R2) × VBREF
Figure 6. High-Current Shunt Regulator
Figure 7. Crowbar Circuit
V
B
BATTB
R1
0.1%
V
B
REFB
V
B
onB ≈ 2V
V
B
off B≈ VBBATTB
GND
V
B
thB = 2.5V
Input
V
B
OB
V
B
BATTB
R2
0.1%
V
B
OB
R*
R1
R2
V
B
BATTB
CM431
CM431
CM431
CM431
V
B
BATTB
R1
R2
C
V
B
OB
V
B
OB


Similar Part No. - CM431GBCN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Chicago Miniature Lamp,...
CM431 CML-CM431 Datasheet
227Kb / 1P
   G-4 1/2 Miniature Bayonet Base
logo
Visual Communications C...
CM431 VCC-CM431 Datasheet
27Kb / 1P
   Base
logo
Powerex Power Semicondu...
CM431255 POWEREX-CM431255 Datasheet
93Kb / 4P
   Dual SCR POW-R-BLOK??Modules 55 Amperes/1200-1600 Volts
CM431290 POWEREX-CM431290 Datasheet
93Kb / 4P
   Dual SCR POW-R-BLOK??Modules 90 Amperes/1200-1600 Volts
More results

Similar Description - CM431GBCN

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431L ETC1-CM431L Datasheet
354Kb / 13P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Champion Microelectroni...
CM431A CHAMP-CM431A Datasheet
348Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
274Kb / 8P
   Adjustable Low Voltage Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com