Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SA12006PTFC Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # S48SA12006PTFC
Description  Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SA12006PTFC Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button S48SA12006PTFC Datasheet HTML 3Page - Delta Electronics, Inc. S48SA12006PTFC Datasheet HTML 4Page - Delta Electronics, Inc. S48SA12006PTFC Datasheet HTML 5Page - Delta Electronics, Inc. S48SA12006PTFC Datasheet HTML 6Page - Delta Electronics, Inc. S48SA12006PTFC Datasheet HTML 7Page - Delta Electronics, Inc. S48SA12006PTFC Datasheet HTML 8Page - Delta Electronics, Inc. S48SA12006PTFC Datasheet HTML 9Page - Delta Electronics, Inc. S48SA12006PTFC Datasheet HTML 10Page - Delta Electronics, Inc. S48SA12006PTFC Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DS_S48SA1R212_05122006
Vo(+)
Vi(+)
Vo(-)
Sense(-)
Sense(+)
Vi(-)
ON/OFF
Figure 13: Remote on/off implementation
Remote Sense (Optional)
Remote sense compensates for voltage drops on the
output by sensing the actual output voltage at the point of
load. The voltage between the remote sense pins and the
output terminals must not exceed the output voltage sense
range given here:
[Vo(+) – Vo(–)] – [SENSE(+) – SENSE(–)] ≤ 10% × Vout
This limit includes any increase in voltage due to remote
sense compensation and output voltage set point
adjustment (trim).
Vi(-)
Vi(+)
Vo(-)
Vo(+)
Sense(+)
Sense(-)
Resistance
Contact
Contact and Distribution
Losses
Figure 14:
Effective circuit configuration for remote sense
operation
If the remote sense feature is not used to regulate the
output at the point of load, please connect SENSE(+) to
Vo(+) and SENSE(–) to Vo(–) at the module.
The output voltage can be increased by both the remote
sense and the trim; however, the maximum increase is the
larger of either the remote sense or the trim, not the sum of
both.
When using remote sense and trim, the output voltage of
the module is usually increased, which increases the power
output of the module with the same output current.
Care should be taken to ensure that the maximum output
power does not exceed the maximum rated power.
7
FEATURES DESCRIPTIONS
Over-Current Protection
The modules include an internal output over-current
protection circuit, which will endure current limiting for
an unlimited duration during output overload. If the
output current exceeds the OCP set point, the modules
will automatically shut down (hiccup mode).
The modules will try to restart after shutdown. If the
overload condition still exists, the module will shut down
again. This restart trial will continue until the overload
condition is corrected.
Over-Voltage Protection
The modules include an internal output over-voltage
protection circuit, which monitors the voltage on the
output terminals. If this voltage exceeds the over-
voltage set point, the module will shut down (Hiccup
mode). The modules will try to restart after shutdown. If
the fault condition still exists, the module will shut down
again. This restart trial will continue until the fault
condition is corrected.
Over-Temperature Protection
The over-temperature protection consists of circuitry
that provides protection from thermal damage. If the
temperature exceeds the over-temperature threshold
the module will shut down.
The module will try to restart after shutdown. If the over-
temperature condition still exists during restart, the
module will shut down again. This restart trial will
continue until the temperature is within specification.
Remote On/Off
The remote on/off feature on the module can be either
negative or positive logic. Negative logic turns the
module on during a logic low and off during a logic high.
Positive logic turns the modules on during a logic high
and off during a logic low.
Remote on/off can be controlled by an external switch
between the on/off terminal and the Vi(-) terminal. The
switch can be an open collector or open drain.
For negative logic if the remote on/off feature is not
used, please short the on/off pin to Vi(-). For positive
logic if the remote on/off feature is not used, please
leave the on/off pin floating.


Similar Part No. - S48SA12006PTFC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA12003NRFB DELTA-S48SA12003NRFB Datasheet
910Kb / 13P
   Industry standard footprint and pin out
S48SA12003NRFB DELTA-S48SA12003NRFB Datasheet
865Kb / 13P
   UL/cUL 60950 (US & Canada) recognized
S48SA12003NRFB DELTA-S48SA12003NRFB Datasheet
910Kb / 13P
   Industry standard footprint and pin out
More results

Similar Description - S48SA12006PTFC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R250 DELTA-E48SH1R250 Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SC05012NRFA DELTA-E48SC05012NRFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
S24SA1R212NRFA DELTA-S24SA1R212NRFA Datasheet
850Kb / 13P
   Delphi Series S24SA, 2?쓝1??Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
V48SR1R225NRFA DELTA-V48SR1R225NRFA Datasheet
787Kb / 14P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 1.2V, 25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com