Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87724L Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY87724L
Description  3.3V AnyRate MUX/DEMUX Up to 2.7GHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87724L Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY87724L Datasheet HTML 3Page - Micrel Semiconductor SY87724L Datasheet HTML 4Page - Micrel Semiconductor SY87724L Datasheet HTML 5Page - Micrel Semiconductor SY87724L Datasheet HTML 6Page - Micrel Semiconductor SY87724L Datasheet HTML 7Page - Micrel Semiconductor SY87724L Datasheet HTML 8Page - Micrel Semiconductor SY87724L Datasheet HTML 9Page - Micrel Semiconductor SY87724L Datasheet HTML 10Page - Micrel Semiconductor SY87724L Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SY87724L
7
Micrel, Inc.
M9999-031506
hbwhelp@micrel.com or (408) 955-1690
Wide Mux
The more typical case will be to convert 8 or 10 bit wide
parallel data words into a serial bit stream. Because the
worst case parallel input rate is on the order of 250 to 340
Mega-transfers per second, single ended parallel inputs are
used.
This scenario is much like the narrow mux case, except
now MPINCK+ clocks slower, for 8 or 10 bit parallel words.
MDM
MSOUT
±
MP0-9
MPINCK+
MTXCLK
±
Figure 5. Wide Mux
Note that the input data indication is now single ended,
and that completely different input pins are used, as
compared to the 4 or 5 bit case.
The following table summarizes the available bit widths.
The right column shows the parallel input bits, such as they
will appear in the serial output stream.
Width
Sequence
4
MPF0
±, MPF1±, MPF2±, MPF3±
5
MPF0
±, MPF1±, MPF2±, MPF3±, MPF4±
8
MP5, MP6, MP7, MP8, MP0, MP1, MP2, MP3
10
MP5, MP6, MP7, MP8, MP9, MP0, MP1, MP2, MP3,
MP4
Loopback
To ease system design, the SY87724L MDM has the
capability to loop parallel data in, through the mux, into the
demux, and back to parallel data out. This permits system
check-out through to the individual MDM device. Note that,
for a full check-out, some form of loopback further down the
serial stream is required.
Loopback is incorporated into MDM by modifying the
serial clock, data, and sync inputs to the demux stage.
During loopback, the source of serial information for the
demux is changed. The MSOUT
±, MTXCLK± and
MSYNOUT
± are internally muxed to the DSIN±, DCKIN±,
and DFMIN
± nodes of the demux section. The MSYNOUT±
signal has the same characteristics as the DFMIN logic
expects.
This exercises the internal data path, both mux and
demux, for MDM, and also the control logic. The parallel
data presented to the parallel inputs will appear, some small
but unspecified time later, at the parallel outputs.
MSOUT
±
DFMIN
±
MP*
DP*
* Number of wires depends on the SIZX bits.
DCKIN
±
DSIN
±


Similar Part No. - SY87724L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87724L MICREL-SY87724L Datasheet
103Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724LE MICREL-SY87724LE Datasheet
577Kb / 14P
   3.3V AnyRate짰 MUX/DEMUX Up to 2.7GHz
SY87724LEHI MICREL-SY87724LEHI Datasheet
577Kb / 14P
   3.3V AnyRate짰 MUX/DEMUX Up to 2.7GHz
SY87724LEHY MICREL-SY87724LEHY Datasheet
577Kb / 14P
   3.3V AnyRate짰 MUX/DEMUX Up to 2.7GHz
SY87724LH1 MICREL-SY87724LH1 Datasheet
103Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
More results

Similar Description - SY87724L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87724L MICREL-SY87724L_08 Datasheet
507Kb / 14P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724L MICREL-SY87724L Datasheet
103Kb / 13P
   3.3V AnyRate MUX/DEMUX Up to 2.7GHz
SY87724LE MICREL-SY87724LE Datasheet
577Kb / 14P
   3.3V AnyRate짰 MUX/DEMUX Up to 2.7GHz
logo
Pericom Semiconductor C...
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
   3.3V, 8:1 Mux/DeMux NanoSwitch
PI3B33X257 PERICOM-PI3B33X257_04 Datasheet
379Kb / 4P
   3.3V, 24:12 Mux/DeMux NanoSwitch
PI3B33X257 PERICOM-PI3B33X257 Datasheet
217Kb / 3P
   3.3V, 24:12 Mux/Demux BusSwitch
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
   3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
   3.3V, Quad 2:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3253ZHDEX DIODES-PI3B3253ZHDEX Datasheet
649Kb / 7P
   3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com