Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87701VHH Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY87701VHH
Description  5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87701VHH Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY87701VHH Datasheet HTML 1Page - Micrel Semiconductor SY87701VHH Datasheet HTML 2Page - Micrel Semiconductor SY87701VHH Datasheet HTML 3Page - Micrel Semiconductor SY87701VHH Datasheet HTML 4Page - Micrel Semiconductor SY87701VHH Datasheet HTML 5Page - Micrel Semiconductor SY87701VHH Datasheet HTML 6Page - Micrel Semiconductor SY87701VHH Datasheet HTML 7Page - Micrel Semiconductor SY87701VHH Datasheet HTML 8Page - Micrel Semiconductor SY87701VHH Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SY87701V
5
Micrel, Inc.
M9999-111406
hbwhelp@micrel.com or (408) 955-1690
CHARACTERISTICS
Performance
The SY87701V PLL complies with the jitter specifications
proposed for SONET/SDH equipment defined by the Bellcore
Specifications: GR-253-CORE, Issue 2, December 1995 and
ITU-T Recommendations: G.958 document, when used with
differential inputs and outputs.
Input Jitter Tolerance
Input jitter tolerance is defined as the peak-to-peak
amplitude of sinusoidal jitter applied on the input signal that
causes an equivalent 1dB optical/electrical power penalty.
SONET input jitter tolerance requirement condition is the
input jitter amplitude which causes an equivalent of 1dB
power penalty.
Figure 1. Input Jitter Tolerance
OC/STS-N
f0
f1
f2
f3
ft
Level
(Hz)
(Hz)
(Hz)
(kHz)
(kHz)
310
30
300
6.5
65
12
10
30
300
25
250
15
1.5
0.40
f0
f1
f2
f4
ft
Frequency
-20dB/decade
-20dB/decade
A
Figure 2. Jitter Transfer
OC/STS-N
fc
P
Level
(kHz)
(dB)
3
130
0.1
12
225
0.1
0.1
-20
fc
Jitter Transfer (dB)
Frequency
-20dB/decade
Acceptable
Range
Jitter Transfer
Jitter transfer function is defined as the ratio of jitter on
the output OC-N/STS-N signal to the jitter applied on the
input OC-N/STS-N signal versus frequency. Jitter transfer
requirements are shown in Figure 2.
Jitter Generation
The jitter of the serial clock and serial data outputs shall
not exceed .01 U.I. rms when a serial data input with no
jitter is presented to the serial data inputs.


Similar Part No. - SY87701VHH

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701VHH MICREL-SY87701VHH Datasheet
145Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701VHHTR MICREL-SY87701VHHTR Datasheet
145Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
More results

Similar Description - SY87701VHH

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701V MICREL-SY87701V_08 Datasheet
145Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V Datasheet
152Kb / 12P
   5V/3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
   5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_08 Datasheet
145Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_06 Datasheet
575Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
   3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_11 Datasheet
152Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87701AL for new designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com