Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87701VZHTR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY87701VZHTR
Description  5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87701VZHTR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY87701VZHTR Datasheet HTML 3Page - Micrel Semiconductor SY87701VZHTR Datasheet HTML 4Page - Micrel Semiconductor SY87701VZHTR Datasheet HTML 5Page - Micrel Semiconductor SY87701VZHTR Datasheet HTML 6Page - Micrel Semiconductor SY87701VZHTR Datasheet HTML 7Page - Micrel Semiconductor SY87701VZHTR Datasheet HTML 8Page - Micrel Semiconductor SY87701VZHTR Datasheet HTML 9Page - Micrel Semiconductor SY87701VZHTR Datasheet HTML 10Page - Micrel Semiconductor SY87701VZHTR Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SY87701V
7
Micrel, Inc.
M9999-111406
hbwhelp@micrel.com or (408) 955-1690
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage
–0.5 to +7.0
V
VIN
Input Voltage
–0.5 to VCC
V
IOUT
Output Current
mA
– Continuous
50
– Surge
100
Tstore
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
0 to +85
°C
ABSOLUTE MAXIMUM RATINGS(Note 1)
Note 1.
Permanent device damage may occur if
“Absolute Maximum Ratings” are exceeded. This is a stress rating only and functional operation is
not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to
“Absolute Maximum Ratings”
conditions for extended periods may affect device reliability.
PACKAGE THERMAL DATA(Note 1)
Package
0
200
500
28-Pin SOIC(Note 2)
80
32-Pin EPAD-TQFP(Note 3)
27.6
22.6
20.7
Note 1.
Airflow of 500lfpm recommended for 28-pin SOIC.
Note 2.
28-pin SOIC package is NOT recommended for new designs.
Note 3.
Using JEDEC standard test boards with die attach pad soldered
to PCB. See www.amkor.com for additional package details.
θJA (°C/W) by Velocity (LFPM)


Similar Part No. - SY87701VZHTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701VZHTR MICREL-SY87701VZHTR Datasheet
145Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
More results

Similar Description - SY87701VZHTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701V MICREL-SY87701V_08 Datasheet
145Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V Datasheet
152Kb / 12P
   5V/3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
   5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_08 Datasheet
145Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_06 Datasheet
575Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
   3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_11 Datasheet
152Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87701AL for new designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com