Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX99 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. BZX99
Description  Voltage regulator diodes
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BZX99 Datasheet(HTML) 6 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1999 Oct 20
6
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX99 series
PACKAGE OUTLINE
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
97-02-28
99-09-13
IEC
JEDEC
EIAJ
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface mounted package; 3 leads
SOT23


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX55Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
BZX55C2V4RL500 mW DO-35 Glass Zener Voltage Regulator Diodes 1 2 3 4 5 MoreMotorola, Inc
BZX84SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES 1 2 3 Zetex Semiconductors
BZD23Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
BZX79Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
PMLL5225BVoltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
BZD27Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
BZX84Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
FMMZ5232SOT23 SILICON VOLTAGE REGULATOR DIODES 1 2 List of Unclassifed Manufacturers
BZG01SMA voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn