Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87700LHG Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY87700LHG
Description  3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87700LHG Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY87700LHG Datasheet HTML 2Page - Micrel Semiconductor SY87700LHG Datasheet HTML 3Page - Micrel Semiconductor SY87700LHG Datasheet HTML 4Page - Micrel Semiconductor SY87700LHG Datasheet HTML 5Page - Micrel Semiconductor SY87700LHG Datasheet HTML 6Page - Micrel Semiconductor SY87700LHG Datasheet HTML 7Page - Micrel Semiconductor SY87700LHG Datasheet HTML 8Page - Micrel Semiconductor SY87700LHG Datasheet HTML 9Page - Micrel Semiconductor SY87700LHG Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SY87700L
6
Micrel, Inc.
M9999-111406
hbwhelp@micrel.com or (408) 955-1690
FREQUENCY SELECTION TABLE
FREQSEL1
FREQSEL2
FREQSEL3
f
VCO/fRCLK
f
RCLK Data Rates (Mbps)
01
16
125 - 175
10
0
8
94 - 157
10
1
12
63 - 104
11
0
16
47 - 78
11
1
24
32 - 52
01
0
undefined
00
X(2)
undefined
Notes:
1. SY87700L operates from 32-175MHz. For higher speed applications, the SY87701L operates from 32MHz to 1250MHz.
2. X is a DON'T CARE.
REFERENCE FREQUENCY SELECTION
DIVSEL1
DIVSEL2
f
RCLK/fREFCLK
00
8
01
10
10
16
11
20
LOOP FILTER COMPONENTS(1)
R5
C3
PLLSP
PLLSN
Wide Range
R6 = 680Ω
C4 = 1.0µF (X7R Dielectric)
R6
C4
PLLRP
PLLRN
Note:
1. Suggested Values. Values may vary for different applications.
Wide Range
R5 = 350Ω
C3 = 1.0µF (X7R Dielectric)


Similar Part No. - SY87700LHG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87700LHG MICREL-SY87700LHG Datasheet
153Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87700AL for new designs
SY87700LHGTR MICREL-SY87700LHGTR Datasheet
153Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87700AL for new designs
More results

Similar Description - SY87700LHG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
   3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_06 Datasheet
575Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
   5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_08 Datasheet
145Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L Datasheet
153Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87700AL for new designs
SY87701V MICREL-SY87701V Datasheet
152Kb / 12P
   5V/3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V_06 Datasheet
151Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V_08 Datasheet
145Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com