Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY69753LHITR Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY69753LHITR
Description  3.3V, 125Mbps, 155Mbps Clock and Data Recovery
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY69753LHITR Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY69753LHITR Datasheet HTML 4Page - Micrel Semiconductor SY69753LHITR Datasheet HTML 5Page - Micrel Semiconductor SY69753LHITR Datasheet HTML 6Page - Micrel Semiconductor SY69753LHITR Datasheet HTML 7Page - Micrel Semiconductor SY69753LHITR Datasheet HTML 8Page - Micrel Semiconductor SY69753LHITR Datasheet HTML 9Page - Micrel Semiconductor SY69753LHITR Datasheet HTML 10Page - Micrel Semiconductor SY69753LHITR Datasheet HTML 11Page - Micrel Semiconductor SY69753LHITR Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Micrel, Inc.
SY69753L
November 2006
8
M9999-111406-D
hbwhelp@micrel.com or (408) 955-1690
Loop Filter Components
(1)
R1 = 80Ω
C1 = 1.5µF (X7R Dielectric)
R2 = 50Ω
C2 = 1.0µF (X7R Dielectric)
Note:
1. Suggested values. Values may vary for different applications.
Reference Frequency Selection
DIVSEL1
DIVSEL2
fRCLK/fREFCLK
0
0
8
0
1
10
1
0
16
1
1
20


Similar Part No. - SY69753LHITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY69753LHITR MICREL-SY69753LHITR Datasheet
489Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
More results

Similar Description - SY69753LHITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY69753AL MICREL-SY69753AL_07 Datasheet
491Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69753AL MICREL-SY69753AL Datasheet
499Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69753L MICREL-SY69753L_07 Datasheet
489Kb / 13P
   3.3V, 125Mbps, 155Mbps Clock and Data Recovery
SY69754AL MICREL-SY69754AL Datasheet
500Kb / 14P
   3.3V, 622Mbps Clock and Data Recovery
SY69754AL MICREL-SY69754AL_07 Datasheet
492Kb / 14P
   3.3V, 622Mbps Clock and Data Recovery
logo
Sony Corporation
CXB1575AQ SONY-CXB1575AQ Datasheet
286Kb / 16P
   155Mbps Clock & Data Recovery with High Sensitivity Limiting Amplifier
logo
Micrel Semiconductor
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87702L MICREL-SY87702L Datasheet
112Kb / 14P
   3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com