Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58627LMGTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY58627LMGTR
Description  DC-to-6.4Gbps Backplane Receive Buffer with Four Stage Programmable Equalization and DC-Offset Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58627LMGTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY58627LMGTR Datasheet HTML 1Page - Micrel Semiconductor SY58627LMGTR Datasheet HTML 2Page - Micrel Semiconductor SY58627LMGTR Datasheet HTML 3Page - Micrel Semiconductor SY58627LMGTR Datasheet HTML 4Page - Micrel Semiconductor SY58627LMGTR Datasheet HTML 5Page - Micrel Semiconductor SY58627LMGTR Datasheet HTML 6Page - Micrel Semiconductor SY58627LMGTR Datasheet HTML 7Page - Micrel Semiconductor SY58627LMGTR Datasheet HTML 8Page - Micrel Semiconductor SY58627LMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Micrel, Inc.
SY58627L
Janaury 2006
2
M9999-012606-A
hbwhelp@micrel.com or (408) 955-1690
Functional Block Diagram


Similar Part No. - SY58627LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58620L MICREL-SY58620L Datasheet
662Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY58620L MICREL-SY58620L Datasheet
303Kb / 19P
   Precision 3.2Gbps CML/LVPECL Backplane Transceiver with Integrated Loopback
SY58620L MICREL-SY58620L Datasheet
311Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY58620L MICREL-SY58620L Datasheet
608Kb / 18P
   Precision 4.25Gbps CML Backplane
SY58620LMG MICREL-SY58620LMG Datasheet
662Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
More results

Similar Description - SY58627LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58626L MICREL-SY58626L_10 Datasheet
809Kb / 18P
   DC-to-6.4Gbps Backplane Transmit Buffer with
SY58626L MICREL-SY58626L Datasheet
826Kb / 18P
   DC-to-6.4Gbps Backplane Transmit Buffer with Selectable Output Pre-emphasis, I/O DCOffset Control, and 200mV-3.0VPP Output Swing
logo
National Semiconductor ...
DS25BR110_0711 NSC-DS25BR110_0711 Datasheet
434Kb / 16P
   3.125 Gbps LVDS Buffer with Receive Equalization
logo
Texas Instruments
DS25BR110 TI1-DS25BR110_13 Datasheet
884Kb / 18P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Receive Equalization
logo
Linear Technology
LTC5585 LINER-LTC5585_15 Datasheet
976Kb / 38P
   Wideband IQ Demodulator with IIP2 and DC Offset Control
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_15 Datasheet
871Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100_0711 NSC-DS25BR100_0711 Datasheet
449Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_14 Datasheet
865Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100 NSC-DS25BR100_09 Datasheet
490Kb / 16P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR440 NSC-DS25BR440 Datasheet
354Kb / 16P
   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com