Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58627LMGTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY58627LMGTR
Description  DC-to-6.4Gbps Backplane Receive Buffer with Four Stage Programmable Equalization and DC-Offset Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58627LMGTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY58627LMGTR Datasheet HTML 1Page - Micrel Semiconductor SY58627LMGTR Datasheet HTML 2Page - Micrel Semiconductor SY58627LMGTR Datasheet HTML 3Page - Micrel Semiconductor SY58627LMGTR Datasheet HTML 4Page - Micrel Semiconductor SY58627LMGTR Datasheet HTML 5Page - Micrel Semiconductor SY58627LMGTR Datasheet HTML 6Page - Micrel Semiconductor SY58627LMGTR Datasheet HTML 7Page - Micrel Semiconductor SY58627LMGTR Datasheet HTML 8Page - Micrel Semiconductor SY58627LMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Micrel, Inc.
SY58627L
Janaury 2006
5
M9999-012606-A
hbwhelp@micrel.com or (408) 955-1690
Pin Description (Continued)
Pin Number
Pin Name
Pin Function
13, 14
RXLBQ,
/RXLBQ
Receiver loopback CML compatible output pair. When the SY58627L is in local
Loopback mode (LBSEL = 1), RXLBQ output is directed from TXLBIN (no
equalization). When the SY58627L is in normal mode (LBSEL = LOW) and the
RXLBQ output is not required, disable the RXLBQ output (/RXLBEN = HIGH) to
minimize switching noise. This differential output pair is optimized to drive 400mVPK
swing into a 50Ω load (100Ω across the pair). The RXLBQ output pair includes 50Ω
internal source termination resistors.
21, 19
RXQ,
/RXQ
Receiver differential CML compatible output pair: This CML-compatible output pair is
the equalized signal seen at the RXIN input pair and is optimized to drive 400mVPK
swing into a 50Ω load (100Ω across the pair). The RXQ output pair includes 50Ω
internal source termination resistors. When the SY58627L is in Loopback mode
(LBSEL = HIGH), then the RXQ output signal is directed from the unequalized
TXLBIN input.
26
LOS
Please contact factory Applications Engineers.
20
VTTOUT
Output termination center-tap: Each side of the RXQ differential output pair
terminates to the VTTOUT pin through 50Ω. The VTTOUT pin provides a center-tap
to the output termination network for maximum interface flexibility, and DC-offset
capability. Please refer to the “CML Output Interface Applications” section for more
details.
28
29
30
EQ2( MSB)
EQ1
EQ0
TTL/CMOS (or VTH controlled) compatible, 3-bit control interface. There are four
levels of equalization, as shown in the “Equalization Select Truth Table.” When the
MSB is logic HIGH, the RXQ output pair will not include any equalization.
000 = lowest equalization setting
001 = medium equalization setting
010 = medium-high equalization setting
011 = highest equalization setting
1XX = equalization bypass
1, 8, 9, 16, 17,
24, 25
VCC
Positive Power Supply: Connect to +3.3V power supply. Bypass with 0.1µF//0.01µF
low ESR capacitors as close to VCC pins as possible.
2, 5, 18, 22, 31,
32
VEE,
Exposed Pad
Ground: Ground pins and exposed pad must be connected to the same ground
plane.
Equalization Select Truth Table
Disable EQ
(MSB = EQ2)
Equalization
Select (EQ1)
Equalization
Select (EQ0)
Typical FR4 Length
Equalization
0
0
0
9”
Low
0
0
1
18”
Medium Low
0
1
0
24”
Medium High
0
1
1
36”
High
1
X
X
NA
Disabled


Similar Part No. - SY58627LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58620L MICREL-SY58620L Datasheet
662Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY58620L MICREL-SY58620L Datasheet
303Kb / 19P
   Precision 3.2Gbps CML/LVPECL Backplane Transceiver with Integrated Loopback
SY58620L MICREL-SY58620L Datasheet
311Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY58620L MICREL-SY58620L Datasheet
608Kb / 18P
   Precision 4.25Gbps CML Backplane
SY58620LMG MICREL-SY58620LMG Datasheet
662Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
More results

Similar Description - SY58627LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58626L MICREL-SY58626L_10 Datasheet
809Kb / 18P
   DC-to-6.4Gbps Backplane Transmit Buffer with
SY58626L MICREL-SY58626L Datasheet
826Kb / 18P
   DC-to-6.4Gbps Backplane Transmit Buffer with Selectable Output Pre-emphasis, I/O DCOffset Control, and 200mV-3.0VPP Output Swing
logo
National Semiconductor ...
DS25BR110_0711 NSC-DS25BR110_0711 Datasheet
434Kb / 16P
   3.125 Gbps LVDS Buffer with Receive Equalization
logo
Texas Instruments
DS25BR110 TI1-DS25BR110_13 Datasheet
884Kb / 18P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Receive Equalization
logo
Linear Technology
LTC5585 LINER-LTC5585_15 Datasheet
976Kb / 38P
   Wideband IQ Demodulator with IIP2 and DC Offset Control
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_15 Datasheet
871Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100_0711 NSC-DS25BR100_0711 Datasheet
449Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_14 Datasheet
865Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100 NSC-DS25BR100_09 Datasheet
490Kb / 16P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR440 NSC-DS25BR440 Datasheet
354Kb / 16P
   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com