Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58627LMG Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY58627LMG
Description  DC-to-6.4Gbps Backplane Receive Buffer with Four Stage Programmable Equalization and DC-Offset Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58627LMG Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY58627LMG Datasheet HTML 5Page - Micrel Semiconductor SY58627LMG Datasheet HTML 6Page - Micrel Semiconductor SY58627LMG Datasheet HTML 7Page - Micrel Semiconductor SY58627LMG Datasheet HTML 8Page - Micrel Semiconductor SY58627LMG Datasheet HTML 9Page - Micrel Semiconductor SY58627LMG Datasheet HTML 10Page - Micrel Semiconductor SY58627LMG Datasheet HTML 11Page - Micrel Semiconductor SY58627LMG Datasheet HTML 12Page - Micrel Semiconductor SY58627LMG Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Micrel, Inc.
SY58627L
Janaury 2006
9
M9999-012606-A
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
(7)
VCC = 3.3V ±10%; VEE = 0V; TA = -40°C to + 85°C; RL = 100Ω across output pair; unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Freq
Data Rate Throughput
(RXQ & RXLBQ)
NRZ Data
DC
6.4
Gbps
RXIN-to-RXQ, no equalization
150
250
450
ps
tpd
Differential Propagation Delay
TXLBIN-to-RXQ
250
ps
tEN
RXQ Enable/Disable Time
/RXEN
425
650
ps
tLB_EN
RXLBQ Enable/Disable Time
/RXLBEN
425
ps
tLBSEL
Loopback Select Time
LBSEL
350
600
ps
tPROG
Programming Logic Control Time
3-bit equalization control
update-to-valid RXQ
1
ns
tpd Tempco
Differential Propagation Delay
Temperature Coefficient
120
fs/
oC
tSKEW
Part-to-Part Skew
Note 8
200
ps
Random Jitter (RJ)
Note 9
Note 11
psRMS
tJITTER
Deterministic Jitter (DJ)
Note 10
Note 11
psPP
tr, tf
Output Rise/Fall Time (20% to 80%)
At full output swing
20
50
80
ps
Notes:
7. High-frequency AC-parameters are guaranteed by design and characterization.
8. Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at
the respective inputs.
9. Random jitter is measured with a K28.7 pattern at: ≤6.4Gbps.
10. Deterministic jitter is measured with both K28.5 and 2
23-1 PRBS pattern, at 4.25Gbps/6.4Gbps.
11. Contact factory for updated random jitter and deterministic jitter limits.


Similar Part No. - SY58627LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58620L MICREL-SY58620L Datasheet
662Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY58620L MICREL-SY58620L Datasheet
303Kb / 19P
   Precision 3.2Gbps CML/LVPECL Backplane Transceiver with Integrated Loopback
SY58620L MICREL-SY58620L Datasheet
311Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY58620L MICREL-SY58620L Datasheet
608Kb / 18P
   Precision 4.25Gbps CML Backplane
SY58620LMG MICREL-SY58620LMG Datasheet
662Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
More results

Similar Description - SY58627LMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58626L MICREL-SY58626L_10 Datasheet
809Kb / 18P
   DC-to-6.4Gbps Backplane Transmit Buffer with
SY58626L MICREL-SY58626L Datasheet
826Kb / 18P
   DC-to-6.4Gbps Backplane Transmit Buffer with Selectable Output Pre-emphasis, I/O DCOffset Control, and 200mV-3.0VPP Output Swing
logo
National Semiconductor ...
DS25BR110_0711 NSC-DS25BR110_0711 Datasheet
434Kb / 16P
   3.125 Gbps LVDS Buffer with Receive Equalization
logo
Texas Instruments
DS25BR110 TI1-DS25BR110_13 Datasheet
884Kb / 18P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Receive Equalization
logo
Linear Technology
LTC5585 LINER-LTC5585_15 Datasheet
976Kb / 38P
   Wideband IQ Demodulator with IIP2 and DC Offset Control
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_15 Datasheet
871Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100_0711 NSC-DS25BR100_0711 Datasheet
449Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25BR100 TI1-DS25BR100_14 Datasheet
865Kb / 19P
[Old version datasheet]   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25BR100 NSC-DS25BR100_09 Datasheet
490Kb / 16P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25BR440 NSC-DS25BR440 Datasheet
354Kb / 16P
   3.125 Gbps Quad LVDS Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com