Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SY58627L Datasheet(PDF) 6 Page - Micrel Semiconductor

Part No. SY58627L
Description  DC-to-6.4Gbps Backplane Receive Buffer with Four Stage Programmable Equalization and DC-Offset Control
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY58627L Datasheet(HTML) 6 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Micrel, Inc.
SY58627L
Janaury 2006
6
M9999-012606-A
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)...............................................-0.5V to +4.0V
Input Voltage (VIN)...................................................... -0.5V to VCC
Input Current (RXIN, /RXIN, ≤120mins) ............................... 67mA
CML Output Current (IOUT)
Continuous (≤120mins)..................................................... 67mA
Surge .............................................................................. 100mA
Termination Current
VT.................................................................................. ±100mA
VREF-AC Current
Source/sink current on VREF-AC.......................................... ±2mA
Lead Temperature (soldering, 20 sec.) ..............................+260°C
Storage Temperature (TS) ..................................... -65°C to 150°C
Operating Ratings
(2)
Supply Voltage (VCC) .................................... +3.0V to +3.6V
Ambient Temperature (TA)............................-40°C to +85°C
Package Thermal Resistance
(3)
MLF
TM JA)
Still-Air ...............................................................34°C/W
MLF
TM JB)
Junction-to-Board ..............................................20°C/W
DC Electrical Characteristics
(4)
TA = -40°C to +85°C; unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply
3.0
3.3
3.6
V
IEE
Power Supply Current
Max VCC, includes 50Ω internal
source resistors, no external load
current
210
260
mA
RIN
Input Resistance
(RXIN-to-VTTIN)
45
50
55
RDIFF_IN
Differential Input Resistance
(RXIN-to-/RXIN)
90
100
110
VIN_TRANS
Transmission Line Input
Voltage Swing
(RXIN, /RXIN)
Input signal swing applied to
transmission line input up to 36
in. (driver side of RXIN)
0.20
VPK
VIN
Input Voltage Swing
(RXIN, /RXIN)
See Figure 4a.
0.1
1.3
VPK
VDIFF_IN
Differential Input Voltage Swing
|RXIN-/RXIN|
See Figure 4b.
0.2
VPP
VIH
Input High Voltage
(RXIN, /RXIN)
VEE+1.6
VCC
V
VIL
Input LOW Voltage
(RXIN, /RXIN)
VEE+1.4
VIH-0.1
V
VTTIN
RXIN-to-VTTIN
(RXIN, /RXIN)
1.5
V
VTTIN Range
VTTIN Voltage Range
Voltage applied to VTTIN pin
VCC-1.5
VCC+1.5
V
VTTOUT Range
VTTOUT Voltage Range
Voltage applied to VTTOUT pin
VCC-0.4
VCC
V
LOS Assert
Note 5
LOS
Loss-of-Signal Input Levels
LOS De-assert
Note 5
mVPK
Input Return Loss
100MHz to 3.5GHz
10
dB
VREF-AC
Output Reference Voltage
VCC-0.95
VCC-0.84
VCC-0.7
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is
not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings
conditions for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn