Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58606UMGTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY58606UMGTR
Description  4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58606UMGTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY58606UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY58606UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY58606UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY58606UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY58606UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY58606UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY58606UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY58606UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY58606UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel, Inc.
SY58606U
September 2006
2
M9999-092606-A
hbwhelp@micrel.com or (408) 955-1690
Ordering Information
(1)
Part Number
Package
Type
Operating
Range
Package Marking
Lead
Finish
SY58606UMG
MLF-16
Industrial
606U with Pb-Free
bar-line indicator
NiPdAu
Pb-Free
SY58606UMGTR
(2)
MLF-16
Industrial
606U with Pb-Free
bar-line indicator
NiPdAu
Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC Electricals only.
2. Tape and Reel.
Pin Configuration
16-Pin MLF
® (MLF-16)
Pin Description
Pin Number
Pin Name
Pin Function
1, 4
IN, /IN
Differential Input: This input pair is the differential signal input to the device. Input
accepts DC-coupled differential signals as small as 100mV (200mVPP). Each pin of
this pair internally terminates with 50Ω to the VT pin. If the input swing falls below a
certain threshold (typical 30mV), the Fail Safe Input (FSI) feature will guarantee a
stable output by latching the output to its last valid state. See “Input Interface
Applications” subsection.
2
VT
Input Termination Center-Tap: Each side of the differential input pair terminates to
VT pin. This pin provides a center-tap to a termination network for maximum
interface flexibility. See “Input Interface Applications” subsection.
3
VREF-AC
Reference Voltage: This output biases to VCC–1.2V. It is used for AC-coupling inputs
IN and /IN. Connect VREF-AC directly to the VT pin. Bypass with 0.01µF low ESR
capacitor to VCC. Maximum sink/source current is ±1.5mA. See “Input Interface
Applications” subsection.
5, 8,13, 16
VCC
Positive Power Supply: Bypass with 0.1uF//0.01uF low ESR capacitors as close to
the VCC pins as possible.
6, 7, 14, 15
GND,
Exposed pad
Ground: Exposed pad must be connected to a ground plane that is the same
potential as the ground pins.
9, 10
11, 12
/Q1, Q1
/Q0, Q0
CML Differential Output Pairs: Differential buffered copies of the input signal. The
output swing is typically 400mV. Unused output pair may be left floating with no
impact on jitter. See “CML Output Termination” subsection.


Similar Part No. - SY58606UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58606UMGTR MICREL-SY58606UMGTR Datasheet
698Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer
SY58606UMGTR MICREL-SY58606UMGTR Datasheet
581Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58606UMGTR MICREL-SY58606UMGTR Datasheet
681Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
More results

Similar Description - SY58606UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58606U MICREL-SY58606U_09 Datasheet
581Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U_14 Datasheet
681Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58603U MICREL-SY58603U Datasheet
677Kb / 13P
   4.25Gbps Precision CML Buffer with Internal Termination and Fail Safe Input
SY58609U MICREL-SY58609U Datasheet
823Kb / 14P
   4.25Gbps Precision, CML 2:1 MUX with Internal Termination and Fail Safe Input
SY58607U MICREL-SY58607U Datasheet
667Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout Buffer with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U Datasheet
282Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U_14 Datasheet
918Kb / 14P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U_11 Datasheet
698Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer
SY89468U MICREL-SY89468U Datasheet
578Kb / 15P
   Precision LVDS 1:20 Fanout with 2:1 MUX and Internal Termination with Fail-Safe Input
SY89467U MICREL-SY89467U Datasheet
564Kb / 15P
   Precision LVPECL 1:20 Fanout with 2:1 MUX and Internal Termination with Fail-Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com