Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX79 Datasheet(PDF) 8 Page - NXP Semiconductors

Part No. BZX79
Description  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX79 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BZX79 Datasheet HTML 4Page - NXP Semiconductors BZX79 Datasheet HTML 5Page - NXP Semiconductors BZX79 Datasheet HTML 6Page - NXP Semiconductors BZX79 Datasheet HTML 7Page - NXP Semiconductors BZX79 Datasheet HTML 8Page - NXP Semiconductors BZX79 Datasheet HTML 9Page - NXP Semiconductors BZX79 Datasheet HTML 10Page - NXP Semiconductors BZX79 Datasheet HTML 11Page - NXP Semiconductors BZX79 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2002 Feb 27
8
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX79 series
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
Note
1. The marking band indicates the cathode.
SOD27
DO-35
A24
SC-40
97-06-09
Hermetically sealed glass package; axial leaded; 2 leads
SOD27
UNIT
b
max.
mm
0.56
D
max.
G1
max.
25.4
4.25
1.85
L
min.
DIMENSIONS (mm are the original dimensions)
G1
L
D
L
b
(1)
0
1
2 mm
scale


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BZX55 Voltage regulator diodes 1  2  3  4  5  More NXP Semiconductors
BZX55C2V4RL 500 mW DO-35 Glass Zener Voltage Regulator Diodes 1  2  3  4  5  More Motorola, Inc
BZX84 SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES 1  2  3  Zetex Semiconductors
BZD23 Voltage regulator diodes 1  2  3  4  5  More NXP Semiconductors
BZX84 Voltage regulator diodes 1  2  3  4  5  More NXP Semiconductors
PMLL5225B Voltage regulator diodes 1  2  3  4  5  More NXP Semiconductors
BZD27 Voltage regulator diodes 1  2  3  4  5  More NXP Semiconductors
BZX99 Voltage regulator diodes 1  2  3  4  5  More NXP Semiconductors
FMMZ5232 SOT23 SILICON VOLTAGE REGULATOR DIODES 1  2  List of Unclassifed Manufacturers
BZG01 SMA voltage regulator diodes 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn