Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U6043B-MFPY Datasheet(PDF) 1 Page - ATMEL Corporation

Part # U6043B-MFPY
Description  Flasher IC with 18-mOHM Shunt
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6043B-MFPY Datasheet(HTML) 1 Page - ATMEL Corporation

  U6043B-MFPY Datasheet HTML 1Page - ATMEL Corporation U6043B-MFPY Datasheet HTML 2Page - ATMEL Corporation U6043B-MFPY Datasheet HTML 3Page - ATMEL Corporation U6043B-MFPY Datasheet HTML 4Page - ATMEL Corporation U6043B-MFPY Datasheet HTML 5Page - ATMEL Corporation U6043B-MFPY Datasheet HTML 6Page - ATMEL Corporation U6043B-MFPY Datasheet HTML 7Page - ATMEL Corporation U6043B-MFPY Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
Temperature and Supply Voltage Compensated Flashing Frequency
Frequency Doubling Indicates Lamp Outage
Relay Driver Output with High Current Carrying Capacity and Low Saturation Voltage
Minimum Lamp Load for Flasher Operation:
≥ 1 W
Very Low Susceptibility to EMI
Protection According to ISO/TR 7637/1 Level 4
1.
Description
The bipolar integrated circuit U6043B is used in relay-controlled automotive flashers
where a high level EMC is required.
Lamp outage is indicated by frequency doubling during hazard warning as well as
direction mode.
Flasher IC with
18-m
Ω Shunt
U6043B
Rev. 4726B–AUTO–11/05


Similar Part No. - U6043B-MFPY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6043B-FP ATMEL-U6043B-FP Datasheet
221Kb / 9P
   FLASHER IC WITH 19-M SHUNT
More results

Similar Description - U6043B-MFPY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6432B ATMEL-U6432B_06 Datasheet
216Kb / 9P
   Low-power Flasher IC with 18-mOHM Shunt
U643B ATMEL-U643B Datasheet
57Kb / 5P
   Flasher, 30-mohm Shunt
U643B ATMEL-U643B_05 Datasheet
251Kb / 9P
   Flasher, 30-mohm Shunt
U6432B ATMEL-U6432B Datasheet
199Kb / 9P
   Low-power Flasher IC with 18-m Shunt
logo
Unisonic Technologies
UU6043B UTC-UU6043B Datasheet
149Kb / 4P
   FLASHER IC WITH 18m廓 SHUNT
logo
ATMEL Corporation
U6043B ATMEL-U6043B Datasheet
221Kb / 9P
   FLASHER IC WITH 19-M SHUNT
U2043B ATMEL-U2043B Datasheet
201Kb / 10P
   Flasher, 30 mOHM Shunt, Pilot Lamp to GND or VBatt
logo
TEMIC Semiconductors
U6433B TEMIC-U6433B Datasheet
123Kb / 5P
   Flasher, 18-m Shunt, Frequency Doubling Disabling
logo
ATMEL Corporation
U6433B ATMEL-U6433B Datasheet
169Kb / 8P
   FLASHER, 18-M SHUNT, FREQUENCY DOUBLING DISABLING
U6433B ATMEL-U6433B_05 Datasheet
195Kb / 8P
   Flasher, 18-m Shunt, Frequency Doubling Disabling
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com