Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58604UMG Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY58604UMG
Description  3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58604UMG Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY58604UMG Datasheet HTML 2Page - Micrel Semiconductor SY58604UMG Datasheet HTML 3Page - Micrel Semiconductor SY58604UMG Datasheet HTML 4Page - Micrel Semiconductor SY58604UMG Datasheet HTML 5Page - Micrel Semiconductor SY58604UMG Datasheet HTML 6Page - Micrel Semiconductor SY58604UMG Datasheet HTML 7Page - Micrel Semiconductor SY58604UMG Datasheet HTML 8Page - Micrel Semiconductor SY58604UMG Datasheet HTML 9Page - Micrel Semiconductor SY58604UMG Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Micrel, Inc.
SY58604U
September 2006
6
M9999-092606-A
hbwhelp@micrel.com or (408) 955-1690
Functional Description
Fail-Safe Input (FSI)
The input includes a special failsafe circuit to sense
the amplitude of the input signal and to latch the
outputs when there is no input signal present, or
when the amplitude of the input signal drops
sufficiently below 100mVPK (200mVPP), typically
30mVPK. Maximum frequency of SY58604U is limited
by the FSI function.
Input Clock Failure Case
If the input clock fails to a floating, static, or extremely
low signal swing, then the FSI function will eliminate a
metastable condition and guarantee a stable output.
No ringing and no undetermined state will occur at the
output under these conditions.
Note that the FSI function will not prevent duty cycle
distortion in case of a slowly deteriorating (but still
toggling) input signal. Due to the FSI function, the
propagation delay will depend on rise and fall time of
the input signal and on its amplitude. Refer to “Typical
Characteristics” for detailed information.
Timing Diagrams
Figure 1a. Propagation Delay
Figure 1b. Fail Safe Feature


Similar Part No. - SY58604UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58604UMG MICREL-SY58604UMG Datasheet
739Kb / 13P
   3.2Gbps Precision, LVPECL Buffer
SY58604UMG MICREL-SY58604UMG Datasheet
585Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58604UMGTR MICREL-SY58604UMGTR Datasheet
739Kb / 13P
   3.2Gbps Precision, LVPECL Buffer
SY58604UMGTR MICREL-SY58604UMGTR Datasheet
585Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
More results

Similar Description - SY58604UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58604U MICREL-SY58604U_08 Datasheet
585Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58605U MICREL-SY58605U Datasheet
633Kb / 12P
   3.2Gbps Precision, LVDS Buffer with Internal Termination and Fail Safe Input
SY58607U MICREL-SY58607U Datasheet
667Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout Buffer with Internal Termination and Fail Safe Input
SY58610U MICREL-SY58610U Datasheet
783Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U Datasheet
282Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U_14 Datasheet
918Kb / 14P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58603U MICREL-SY58603U Datasheet
677Kb / 13P
   4.25Gbps Precision CML Buffer with Internal Termination and Fail Safe Input
SY58611U MICREL-SY58611U Datasheet
606Kb / 13P
   3.2Gbps Precision, LVDS 2:1 MUX with Internal Termination and Fail Safe Input
SY89228U MICREL-SY89228U Datasheet
603Kb / 16P
   1GHz Precision, LVPECL 첨3, 첨5 Clock Divider with Fail-Safe Input and Internal Termination
SY58606U MICREL-SY58606U Datasheet
664Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com